Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012344457 Datasheet (PDF) - Molex Electronics Ltd.

2012344457 Datasheet PDF - Molex Electronics Ltd.
Part # 2012344457
Download  2012344457 Download
File Size   127.29 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 2pin Guardian ST to pigtail 6 AWG 2M

2012344457 Datasheet (PDF)

Go To PDF Page Download Datasheet
2012344457 Datasheet PDF - Molex Electronics Ltd.

Part # 2012344457
Download  2012344457 Click to download

File Size   127.29 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 2pin Guardian ST to pigtail 6 AWG 2M

2012344457 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2012344457

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2012344458 MOLEX-2012344458 Datasheet
156Kb / 2P
3pin Guardian ST to pigtail 6 AWG 2M
2021/03/15
More results


Similar Description - 2012344457

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0514570000 WEIDMULLER-0514570000 Datasheet
186Kb / 1P
TS 35X7.5/LL/6 2M/ST/ZN TRAGSCHIENE MOUNTING RAIL
logo
Molex Electronics Ltd.
170351-0003 MOLEX11-170351-0003 Datasheet
41Kb / 1P
EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 6 AWG
logo
Tripp Lite. All Rights ...
N42202M TRIPPLITE-N42202M Datasheet
488Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-LC),2M (6-ft)
N302006 TRIPPLITE-N302006 Datasheet
483Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 2M (6-ft)
N35202M TRIPPLITE-N35202M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 2M (6-ft.)
N302-006 TRIPPLITE-N302-006 Datasheet
160Kb / 3P
Duplex Multimode 62.5/125 Fiber Patch Cable (ST/ST), 2M (6-ft.)
N352-02M TRIPPLITE-N352-02M Datasheet
160Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (ST/ST), 2M (6-ft.)
N422-02M TRIPPLITE-N422-02M Datasheet
166Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST/LC), 2M (6-ft.)
logo
Transko Electronics, In...
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
logo
Molex Electronics Ltd.
2167592035 MOLEX-2167592035 Datasheet
156Kb / 2P
3pin Guardian ST to pigtail 6 AWG 2M
2021/03/15
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com