Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

687734050002 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

687734050002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 687734050002
Download  687734050002 Download
File Size   249.14 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Flat Flexible Cable

687734050002 Datasheet (PDF)

Go To PDF Page Download Datasheet
687734050002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 687734050002
Download  687734050002 Click to download

File Size   249.14 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Flat Flexible Cable

687734050002 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


687734050002 Product details

General Information:
Operating Temperature -30 up to +105 °C
Heat Resistance 110 °C x 96 HRS
Flammability Rating according to UL SUB.758
Moisture Resistance 40 °C, 95 % RH x 96 HRS




Similar Part No. - 687734050002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
687734100002 WURTH-687734100002 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
687734152002 WURTH-687734152002 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
687734200002 WURTH-687734200002 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
More results


Similar Description - 687734050002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
686606152001 WURTH-686606152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686608100001 WURTH-686608100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686608200001 WURTH-686608200001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686610152001 WURTH-686610152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686612100001 WURTH-686612100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686616152001 WURTH-686616152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686622200001 WURTH-686622200001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686624050001 WURTH-686624050001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686626100001 WURTH-686626100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686706100001 WURTH-686706100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com