Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

132114 Datasheet (PDF) - Amphenol RF.

132114 Datasheet PDF - Amphenol RF.
Part # 132114
Download  132114 Download
File Size   227.16 Kbytes
Page   1 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description SMA STR CRIMP PLUG FOR RG 174,188A, 316 & LMR 100 CABLE

132114 Datasheet (PDF)

Go To PDF Page Download Datasheet
132114 Datasheet PDF - Amphenol RF.

Part # 132114
Download  132114 Click to download

File Size   227.16 Kbytes
Page   1 Pages
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.
Description SMA STR CRIMP PLUG FOR RG 174,188A, 316 & LMR 100 CABLE

132114 Datasheet (HTML) - Amphenol RF.


132114 Product details

1. MATERIALS AND FINISHES:
BODY, SHELL, CONTACT &
FERRULE - BRASS, GOLD PLATING
INSULATOR - PTFE, NATURAL
RETAINING RING - STAINLESS STEEL, NATURAL
GASKET - SILICONE, RED
HEAT SHRINK TUBE - BLACK
2. ELECTRICAL:
A. IMPEDANCE: 50 OHM
3. MECHANICAL:
A. DURABILITY: 500 CYCLES MIN.
B. TEMPERATURE RANGE: -65ı$ˇC TO +165ı$ˇC
4. PACKAGING:
A. QUANTITY: SINGLE PACK
B. MARKING: BAG TO BE MARKED
"AMPHENOL RF, 132114, AND DATE CODE"
5. CABLE ASSEMBLY INSTRUCTIONS:
A. TRIM CABLE AS SHOWN.
B. SLIDE HEAT SHRINK TUBE & FERRULE ONTO CABLE.
C. SOLDER CONTACT TO CABLE CENTER CONDUCTOR
D. CRIMP FERRULE WITH 0.128" HEX DIE.




Similar Part No. - 132114

ManufacturerPart #DatasheetDescription
logo
Heyco.
13211 HEYCO-13211 Datasheet
153Kb / 1P
Nytye® Heavy Duty Nylon Cable Ties
logo
PHOENIX CONTACT
1321101 PHOENIX-1321101 Datasheet
303Kb / 8P
CUC-IND-J1ST-A/R4LS-LED-S - RJ45 PCB connector
1321104 PHOENIX-1321104 Datasheet
302Kb / 8P
CUC-IND-J1ST-A/R4LS-S - RJ45 PCB connector
logo
Amphenol Corporation
132112 AMPHENOL-132112 Datasheet
69Kb / 1P
SMA R/A DIRECT SOLDER PLUG
logo
Marathon Special Produc...
1321122 CH MARATHON-1321122 CH Datasheet
870Kb / 4P
Thermoplastic Power Blocks With Hinge Covers Attached (CH)
More results


Similar Description - 132114

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C34-5008 AMPHENOL-C34-5008 Datasheet
293Kb / 1P
50 OHM HD-BNC STR PLUG FOR RG 316 CABLE
logo
Molex Electronics Ltd.
73251-0211 MOLEX8-73251-0211 Datasheet
33Kb / 1P
50 Ohms, SMA Right Angle Plug, Crimp, RG-174, RG-188 and RG-316 Cable
73251-2170 MOLEX11-73251-2170 Datasheet
37Kb / 1P
50 Ohms, SMA Jack, Bulkhead for LMR-100, RG-174, GR-188 and RG-316 Cable
0732512170 MOLEX11-0732512170 Datasheet
72Kb / 1P
50 Ohms, SMA Jack, Bulkhead for LMR-100, RG-174, GR-188 and RG-316 Cable
0732510151 MOLEX11-0732510151 Datasheet
43Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, RG-316 Cable
0732510450 MOLEX11-0732510450 Datasheet
49Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, and RG-316 Cable
0732510451 MOLEX11-0732510451 Datasheet
49Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, and RG-316 Cable
0732510456 MOLEX11-0732510456 Datasheet
49Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, and RG-316 Cable
0732540110 MOLEX11-0732540110 Datasheet
54Kb / 1P
50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540111 MOLEX11-0732540111 Datasheet
54Kb / 1P
50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com