Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8916 Datasheet (PDF) - Zarlink Semiconductor Inc

SP8916 Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8916
Download  SP8916 Download
File Size   553.2 Kbytes
Page   7 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 5GHZ 첨 16 Fixed Modulus Divider

SP8916 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8916 Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8916
Download  SP8916 Click to download

File Size   553.2 Kbytes
Page   7 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 5GHZ 첨 16 Fixed Modulus Divider

SP8916 Datasheet (HTML) - Zarlink Semiconductor Inc


SP8916 Product details

The SP8916 is one of a range of very high speed low power prescalers for professional applications. The dividing elements are static D type flip flops and therefore allow operation down to DC if the drive signal is a pulse waveform with fast risetime. The output stage has internal100 ohm pull up resistors, giving a 0·5V p-p output. If required, an external 100 ohm can be connected in parallel to give a 50 ohm output.

Features
• Very High Operating Speed
• Operation down to DC with Square Wave Input
• Silicon Technology for Low Phase Noise (Typically better than 2140dBc/Hz at 1KHz)
• 5V Single Supply Operation
• Low Power Dissipation: 340mW (Typ.)
• Surface Mount Plastic Package




Similar Part No. - SP8916

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8916 MITEL-SP8916 Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
SP8916KG MITEL-SP8916KG Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
SP8916KGMP1S MITEL-SP8916KGMP1S Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
SP8916KGMP1T MITEL-SP8916KGMP1T Datasheet
96Kb / 6P
5GHZ 첨16 Fixed Modulus Divider
More results


Similar Description - SP8916

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
3.3GHz 첨 2 fixed Modulus Divider
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
3.3GHz 첨 4 fixed Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
3.3GHZ 첨 32 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
3.3GHz 첨 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
5GHZ 첨 8 Fixed Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com