Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03024-019P Datasheet (PDF) - List of Unclassifed Manufacturers

03024-019P Datasheet PDF - List of Unclassifed Manufacturers
Part # 03024-019P
Download  03024-019P Download
File Size   1745.69 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AEM’s High Reliability Ferrite Chip Beads

03024-019P Datasheet (PDF)

Go To PDF Page Download Datasheet
03024-019P Datasheet PDF - List of Unclassifed Manufacturers

Part # 03024-019P
Download  03024-019P Click to download

File Size   1745.69 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AEM’s High Reliability Ferrite Chip Beads

03024-019P Datasheet (HTML) - List of Unclassifed Manufacturers


03024-019P Product details

Benefits
n Sole source and first ever Defense Supply Center
Columbus (DSCC) approved ferrite chip bead
(tested to Drawing 03024)
n Made in USA
n Sn/Pb terminations (5%+ Pb, no tin whisker worries)
n Designed and qualified as Hi-Rel
n Complete material and process traceability
n Meets all high reliability demands
Features
n Operating temperature range of –55°C to +125°C
n Tin whisker free (Sn/Pb or Au termination finish)
n Reliable terminations (Ni barrier)
n Groups A/B data are supplied with each shipment.
Group C inspection is optional.
n Monolithic structure for closed magnetic path and high
reliability
n Standard EIA/EIAJ chip sizes (0603, 0805, 1206)
Applications
n Mission critical
n Where replacement is not an option
n Where pure tin terminations are prohibited
n Down-hole and undersea




Similar Part No. - 03024-019P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
03024101E3 VISHAY-03024101E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
03024221E3 VISHAY-03024221E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
03024479E3 VISHAY-03024479E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
More results


Similar Description - 03024-019P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
Ferrite Chip Beads
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
High Impedance Chip Ferrite Beads
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
Chip Ferrite Beads
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com