Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2500DG Datasheet (PDF) - ON Semiconductor

T2500DG Datasheet PDF - ON Semiconductor
Part # T2500DG
Download  T2500DG Download
File Size   51.83 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Bidirectional Thyristors

T2500DG Datasheet (PDF)

Go To PDF Page Download Datasheet
T2500DG Datasheet PDF - ON Semiconductor

Part # T2500DG
Download  T2500DG Click to download

File Size   51.83 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Bidirectional Thyristors

T2500DG Datasheet (HTML) - ON Semiconductor


T2500DG Product details

TRIACS 6 AMPERES RMS 400 VOLTS



Designed primarily for full-wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies.



Features

•Blocking Voltage 400 V

•All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability

•Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat Dissipation and Durability

•High Surge Current Capability 60 A Peak at TC= 80°C

•Pb−Free Package is Available*




Similar Part No. - T2500DG

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T2500D DIGITRON-T2500D Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2500D NJSEMI-T2500D Datasheet
97Kb / 2P
Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
T2500D KERSEMI-T2500D Datasheet
386Kb / 4P
Silicon Bidirectional Thyristors
logo
Motorola, Inc
T2500DFP MOTOROLA-T2500DFP Datasheet
83Kb / 4P
ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
More results


Similar Description - T2500DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
2N6344 KERSEMI-2N6344 Datasheet
402Kb / 6P
Silicon Bidirectional Thyristors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com