Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

204220-0010 Datasheet (PDF) - Molex Electronics Ltd.

204220-0010 Datasheet PDF - Molex Electronics Ltd.
Part # 204220-0010
Download  204220-0010 Download
File Size   479.88 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description RECEPTACLE ASSEMBLY SQUBA 1.8

204220-0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
204220-0010 Datasheet PDF - Molex Electronics Ltd.

Part # 204220-0010
Download  204220-0010 Click to download

File Size   479.88 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description RECEPTACLE ASSEMBLY SQUBA 1.8

204220-0010 Datasheet (HTML) - Molex Electronics Ltd.


204220-0010 Product details

1. MATERIAL:
HOUSING & REAR SEAL CAP: NYLON, UL94V-0, COLOR: BLACK
SEALS: INHERENTLY LUBRICATED SILICONE
2. FINISH: NONE
3. PRODUCT SPECIFICATION: 2042200000-PS
4. APPLICATION SPECIFICATION: 2042200000-AS
5. PACKAGING SPECIFICATION: 2042200000-PK
6. PART MATES WITH PLUG SERIES 204223.
7. PART USES TERMINAL PART NUMBER 2043010001.
8. PART CONFORMS TO COSMETIC SPEC: PS-45499-002 CLASS C
9. VOIDED CIRCUITS HAVE A PLUG IN THE MATTE SEAL TO
SEAL THE CIRCUIT AND WILL NOT ACCEPT TERMINALS.




Similar Part No. - 204220-0010

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
2042200000 ADVANTECH-2042200000 Datasheet
3Mb / 3P
IPMI-2000 IPMI Module, AST2600 Chipset
August 2021
logo
Molex Electronics Ltd.
2042200002 MOLEX1-2042200002 Datasheet
51Kb / 1P
Squba Sealed Receptacle Assembly, 1.80mm Pitch, 2 Circuits, Single Row, No Seal Plugs
2042200004 MOLEX1-2042200004 Datasheet
53Kb / 1P
Squba Sealed Receptacle Assembly, 1.80mm Pitch, 4 Circuits, Single Row, No Seal Plugs
2042200006 MOLEX1-2042200006 Datasheet
53Kb / 1P
Squba Sealed Receptacle Assembly, 1.80mm Pitch, 6 Circuits, Single Row, No Seal Plugs
2042200008 MOLEX1-2042200008 Datasheet
54Kb / 1P
Squba Sealed Receptacle Assembly, 1.80mm Pitch, 8 Circuits, Single Row, No Seal Plugs
More results


Similar Description - 204220-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0451450201 MOLEX1-0451450201 Datasheet
37Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row, 150.00mm , 2 Circuits, Black
0451450401 MOLEX1-0451450401 Datasheet
37Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row,150.00mm, 4 Circuits, Black
0451450810 MOLEX1-0451450810 Datasheet
37Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row, 1.0m, 8 Circuits, Black
0451451003 MOLEX1-0451451003 Datasheet
38Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row,300.00mm, 10 Circuits, Black
0451450403 MOLEX1-0451450403 Datasheet
48Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row, 300.00mm, 4 Circuits, Black
0451450410 MOLEX1-0451450410 Datasheet
48Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row, 1.0m, 4 Circuits, Black
0451450610 MOLEX1-0451450610 Datasheet
37Kb / 1P
Squba to Squba Off-the-Shelf (OTS) Cable Receptacle Assembly, Single Row, 1.0m, 6 Circuits, Black
0451450401 MOLEX-0451450401 Datasheet
37Kb / 1P
Squba-to-Squba Off-the-Shelf (OTS) Receptacle Cable Assembly, Single Row, 150.00mm, 4 Circuits, Black
0451450601 MOLEX-0451450601 Datasheet
38Kb / 1P
Squba-to-Squba Off-the-Shelf (OTS) Receptacle Cable Assembly, Single Row, 150.00mm, 6 Circuits, Black
0451450603 MOLEX-0451450603 Datasheet
38Kb / 1P
Squba-to-Squba Off-the-Shelf (OTS) Receptacle Cable Assembly, Single Row, 300.00mm, 6 Circuits, Black
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com