Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1220 Datasheet (PDF) - Littelfuse

F1220 Datasheet PDF - Littelfuse
Part # F1220
Download  F1220 Download
File Size   178.87 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO Blade Fuse Rated 32V

F1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1220 Datasheet PDF - Littelfuse

Part # F1220
Download  F1220 Click to download

File Size   178.87 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO Blade Fuse Rated 32V

F1220 Datasheet (HTML) - Littelfuse




Similar Part No. - F1220

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1220 POLYFET-F1220 Datasheet
38Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
Littelfuse
F122083-ND LITTELFUSE-F122083-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
F122090-ND LITTELFUSE-F122090-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
More results


Similar Description - F1220

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
MAXI Blade Fuse Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
MAXI Blade Fuse Rated 32V
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com