Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98390 Datasheet (PDF) - Maxim Integrated Products

MAX98390 Datasheet PDF - Maxim Integrated Products
Part # MAX98390
Download  MAX98390 Download
File Size   4535.68 Kbytes
Page   213 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Boosted Class-D Amplifier with Integrated Dynamic Speaker Management

MAX98390 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98390 Datasheet PDF - Maxim Integrated Products

Part # MAX98390
Download  MAX98390 Click to download

File Size   4535.68 Kbytes
Page   213 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Boosted Class-D Amplifier with Integrated Dynamic Speaker Management

MAX98390 Datasheet (HTML) - Maxim Integrated Products


MAX98390 Product details

Benefits and Features
● Integrated Speaker Current and Voltage Sense
Requires no External Components
● Integrated Programmable 10V Boost Converter
• Bypass Mode
• Envelope Tracking
● Integrated Dynamic Speaker Management
• Thermal Protection
• Excursion Protection
• Low-Frequency Extension
• 8-Band Parametric Equalizer
• Dynamic Range Compression
• Perceptual Power Reduction
• Debuzzer
• Stereo Bass Management
● Ultra-Low Noise Floor
• 10μV Output Noise
• 116dB Dynamic Range
● Low Distortion—0.01% THD+N
● Output Power at 1% THD+N, VVBAT = 4.3V
• 5.1W into 8Ω
• 5.1W into 4Ω
● Output Power at 10% THD+N, VVBAT = 4.3V
• 6.2W into 8Ω
• 6.2W into 4Ω
● System Efficiency
• 82% at 1.2W into 8Ω, VVBAT = 3.7V
• 86% at 0.45W into 8Ω, VVBAT = 3.7V
● Dynamic Speaker Output FET Scaling
● 2.65V to 5.5V Battery Voltage Range
● I2S/16-Channel TDM and I2C Interfaces
● Class-D Edge Rate Control Enables Filterless
Operation
● Advanced Brownout-Protection Engine
● Extensive Click-and-Pop Suppression
● Robust Short-Circuit and Thermal Protection
● Space-Saving, 30-Bump WLP Package (2.468mm x
2.968mm, 0.5mm Pitch) or 36-Bump WLP Package
(2.418mm x 2.608mm, 0.4mm Pitch)




Similar Part No. - MAX98390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX98390 AD-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
Rev 3 7/20
logo
Maxim Integrated Produc...
MAX98390C MAXIM-MAX98390C Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
MAX98390C-ST-AUX# MAXIM-MAX98390C-ST-AUX# Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
MAX98390CEVSYS# MAXIM-MAX98390CEVSYS# Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
logo
Analog Devices
MAX98390CEWX+T AD-MAX98390CEWX+T Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
Rev 3 7/20
More results


Similar Description - MAX98390

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX98500 MAXIM-MAX98500 Datasheet
1Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
19-5189; Rev 0; 5/10
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Maxim Integrated Produc...
MAX98502 MAXIM-MAX98502 Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0; 12/11
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Cirrus Logic
CS35L32 CIRRUS-CS35L32 Datasheet
2Mb / 51P
Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
logo
PUI audio inc.
ASE02506MS-LW90-DSM-R PUIAUDIO-ASE02506MS-LW90-DSM-R Datasheet
341Kb / 4P
Dynamic Speaker Management
logo
Cirrus Logic
CS35L41 CIRRUS-CS35L41 Datasheet
371Kb / 2P
11 Volt Boosted Class D Audio Amplifier with DSP
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com