Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENG_DS_2207 Datasheet (PDF) - TE Connectivity Ltd

ENG_DS_2207 Datasheet PDF - TE Connectivity Ltd
Part # ENG_DS_2207
Download  ENG_DS_2207 Download
File Size   5523.61 Kbytes
Page   9 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 2.54 mm Wire-to-Board Connectors

ENG_DS_2207 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENG_DS_2207 Datasheet PDF - TE Connectivity Ltd

Part # ENG_DS_2207
Download  ENG_DS_2207 Click to download

File Size   5523.61 Kbytes
Page   9 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 2.54 mm Wire-to-Board Connectors

ENG_DS_2207 Datasheet (HTML) - TE Connectivity Ltd


ENG_DS_2207 Product details

MaxiBridge - CABLE
CONNECTOR SYSTEM
The 2.54 mm single and dual row cable connector system is excellently suitable for reliable and
space saving connections between Printed Circuit Boards (PCB) and decentral units, e.g. lamps or
info panels, front plate elements like buttons, switches or LEDs, motors, fans etc. The cable system
can be used in different applications, for example: automotive, industrial, medical or even lighting
technology. Thanks to the availability of vertical and right angle male connectors and female connectors
with 180° cable outlet the system can be used in a versatile manner. Emphasis is put on flexibility
of the usable cable sizes. Thus the required current rating can be adjusted over a wide range.
The vertical and right angle male connectors provide Surface Mount Technology (SMT) terminals and the female
connector has contact cavities according to the crimp contacts. The plastic material used is suitable for leadfree reflow soldering. Tape and reel packaging and pick and place pad for automatic assembly is a standard.
The crimp contacts are secured twice and reach high retention forces. For each pin number, there are
four mechanical and different colored coding versions with high blocking forces against mismating
available. Cable and male connector have a locking system on both sides, which helps prevent the contact
from loosening due to vibration. The robust interlocking can be manually released without tools




Similar Part No. - ENG_DS_2207

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
STANDARD FASTON TERMINAL LINE
ENG_DS_MS4525DO TEC-ENG_DS_MS4525DO Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
More results


Similar Description - ENG_DS_2207

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
MDF76KBW-30P-1C HIROSE-MDF76KBW-30P-1C Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Tyco Electronics
6-104910-2 MACOM-6-104910-2 Datasheet
1Mb / 32P
Wire-to-Board, .100 [2.54] Centerline Products
logo
Hirose Electric
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com