| Manufacturer | Part # | Datasheet | Description |
 Amphenol Corporation |
282103
|
73Kb / 1P |
1.0/2.3 CRIMP PLUG (FOR RG-174/U, 188/U, 316/U CABLE)
|
|
C031-70331
|
43Kb / 1P |
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
|
|
C031-70335
|
44Kb / 1P |
MINI BNC CRIMP PLUG (FOR RG-316/U, 174/U, 188A/U CABLE)
|
 Molex Electronics Ltd. |
0733660010
|
60Kb / 1P |
50 Ohms, MCX Right-Angle Plug, Crimp, RG-174, RG-188 and RG-316 Cable
|
|
0733660020
|
31Kb / 1P |
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable, Gold
|
|
0733660022
|
31Kb / 1P |
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable
|
 Amphenol RF. |
112132-12
|
111Kb / 1P |
BNC CRIMP PLUG FOR (RG-174/U, 188/U,316/U CABLE)
16-May-11 |
|
112234-13
|
73Kb / 1P |
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10 |
|
112526T
|
36Kb / 1P |
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07 |
|
112530
|
69Kb / 1P |
BNC PANEL CRIMP JACL (FOR RG-174/U, 188A/U, 316/U, 316U/D CABLE)
12/21/11 |