Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1130 Datasheet (PDF) - Murata Manufacturing Co., Ltd

LR1130 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # LR1130
Download  LR1130 Download
File Size   472.23 Kbytes
Page   2 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Alkaline manganese batteries

LR1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1130 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # LR1130
Download  LR1130 Click to download

File Size   472.23 Kbytes
Page   2 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Alkaline manganese batteries

LR1130 Datasheet (HTML) - Murata Manufacturing Co., Ltd


LR1130 Product details

Nominal Voltage 1.50 V
Nominal Capacity ( 0.9V cutoff) 70 mAh
Standard Discharge Load 10 kΩ (≒0.15mA)
Weight 1.2 g

Coin, 11.6mm Alkaline Manganese Dioxide 1.5 V Battery Non-Rechargeable (Primary)




Similar Part No. - LR1130

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101 Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
292Kb / 7P
QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101G-XX-AB3-C-R UTC-LR1101G-XX-AB3-C-R Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Similar Description - LR1130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
LR54 ETC-LR54 Datasheet
43Kb / 1P
Alkaline Manganese Dioxide Battery
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Dubilier
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
BATTERIES ALKALINE
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
Alkaline-Zinc/Manganese Dioxide
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
logo
Power-One
V4020 POWER-ONE-V4020 Datasheet
100Kb / 1P
Primary Alkaline Manganese Clindrical
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
logo
Duracell
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
Alkaline Manganese Dioxide Battery
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com