Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAK3272P Datasheet (PDF) - RAKwireless Technology Limited

RAK3272P Datasheet PDF - RAKwireless Technology Limited
Part # RAK3272P
Download  RAK3272P Download
File Size   435.96 Kbytes
Page   7 Pages
Manufacturer  RAK [RAKwireless Technology Limited]
Direct Link  https://www.rakwireless.com/en-us
Logo RAK - RAKwireless Technology Limited
Description RAK3272S Breakout Board

RAK3272P Datasheet (PDF)

Go To PDF Page Download Datasheet
RAK3272P Datasheet PDF - RAKwireless Technology Limited

Part # RAK3272P
Download  RAK3272P Click to download

File Size   435.96 Kbytes
Page   7 Pages
Manufacturer  RAK [RAKwireless Technology Limited]
Direct Link  https://www.rakwireless.com/en-us
Logo RAK - RAKwireless Technology Limited
Description RAK3272S Breakout Board

RAK3272P Datasheet (HTML) - RAKwireless Technology Limited


RAK3272P Product details

RAK3272S Breakout Board is specifically designed to allow easy access to the pins on the board in order to simplify development and testing. The breakout board footprint is based on the XBee form factor, and its main purpose is to allow the RAK3172 stamp module pins to be transferred to 2.54 mm headers.
The board itself has the RAK3172 at its core, integrating a STM32WLE5CC chip. It has Ultra-Low Power
Consumption of 1.69 uA in sleep mode.
This module complies with Class A, B, & C of LoRaWAN 1.0.3 specifications. It also supports LoRa Point-to-Point (P2P) communication mode, which helps you in implementing your own customized long-range LoRa network quickly.
Features
Based on RAK3172
Custom firmware using Arduino via RUI3 API
I/O ports: UART/I2C/GPIO/SPI
Serial Wire Debug (SWD) interface
Module size: 25.4 x 32.3 mm
Ultra-low-power consumption of 1.69 μA in sleep mode
Supply Voltage: 2.0 V ~ 3.6 V
Temperature Range: -20 °C ~ 85 °C




Similar Part No. - RAK3272P

ManufacturerPart #DatasheetDescription
logo
RAKwireless Technology ...
RAK3172 RAK-RAK3172 Datasheet
2Mb / 9P
RAK3172 WisDuo LPWAN Module Datasheet
10/10/2023
RAK3172-T RAK-RAK3172-T Datasheet
2Mb / 9P
RAK3172 WisDuo LPWAN Module Datasheet
10/10/2023
More results


Similar Description - RAK3272P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2210 MICROCHIP-MCP2210_12 Datasheet
387Kb / 26P
Breakout Module
2012
logo
Glenair, Inc.
245-805 GLENAIR-245-805 Datasheet
270Kb / 3P
Mighty Mouse Breakout Board
8071-3667 GLENAIR-8071-3667 Datasheet
182Kb / 2P
Breakout Cable
logo
Aries Electronics, Inc.
18108 ARIES-18108 Datasheet
1Mb / 1P
Test Socket Breakout Board
logo
SparkFun Electronics
BOB-15035 SPARKFUN-BOB-15035 Datasheet
145Kb / 2P
SparkFun ATX Power Connector Breakout Board
10-21-19
BOB-15697 SPARKFUN-BOB-15697 Datasheet
530Kb / 2P
SparkFun Fuse Breakout Board
10????9
logo
Teledyne Technologies I...
250-0577-00 TELEDYNE-250-0577-00 Datasheet
1Mb / 2P
FLIR Lepton® Camera Breakout Board v2.0
01/21
logo
Lattice Semiconductor
LCMXO3D-9400HC-5BG256C LATTICE-LCMXO3D-9400HC-5BG256C Datasheet
2Mb / 3P
MachXO3D Breakout Board
logo
Leadshine Technology Co...
MX3660 LEADSHINE-MX3660 Datasheet
1Mb / 16P
3-Axis Stepper Drive with Breakout Board & I/O’s
MX4660 LEADSHINE-MX4660 Datasheet
1Mb / 20P
4-Axis Stepper Drive with Breakout Board & I/O’s
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com