Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32-7 Datasheet (PDF) - Amphenol Corporation

32-7 Datasheet PDF - Amphenol Corporation
Part # 32-7
Download  32-7 Download
File Size   2437.17 Kbytes
Page   38 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Amphenol 97 Series Connectors

32-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
32-7 Datasheet PDF - Amphenol Corporation

Part # 32-7
Download  32-7 Click to download

File Size   2437.17 Kbytes
Page   38 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Amphenol 97 Series Connectors

32-7 Datasheet (HTML) - Amphenol Corporation


32-7 Product details

DESIGN CHARACTERISTICS
• Medium to heavy weight cylindrical
• Durable, field-proven design
• Single key/keyway polarization
• Threaded coupling, hard dielectric inserts
• Non-rotating contacts
• Operating temperatures from –55°C to +125°C
• Cost effective
• Intermateable and intermountable with existing
97 Series and SAE AS50151 connectors
• Underwriters Laboratories approved recognition File E115497
• Canadian Standards Association Certification
File LR69183
• CE Certification Registration No.: AT1312862E
CUSTOMER OPTIONS
• Six shell styles
• 128 contact arrangements, from 1 to 52 circuits
• Alternate insert positioning
• High temperature and potting constructions
• Special plating finishes including gray
zinc nickel
• Optional gold plating
• Thermocouple arrangements available
Connector components are fabricated from high grade
aluminum alloy, with a conductive cadmium plate finish
and an olive drab chromate after-treatment.
See how to order page 18.
Contacts are silver plated with pre-tinned solder cups.
Optional gold over silver plating is also available. Inserts
for solder style contacts are diallyl-phthalate.
Users should be aware that classes “A” and “B” of SAE
AS50151 have been canceled.




Similar Part No. - 32-7

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
32-002-171PTLHT ARIES-32-002-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
32-002-172PTLHT ARIES-32-002-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
32-002-173PTLHT ARIES-32-002-173PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
32-002.125-171PTLHT ARIES-32-002.125-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
32-002.125-172PTLHT ARIES-32-002.125-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
More results


Similar Description - 32-7

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-69518-11S AMPHENOL-10-69518-11S Datasheet
1Mb / 70P
Amphenol QWL Series Cylindrical Connectors
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
Amphenol QWL Series Cylindrical Connectors
10-109628-21S AMPHENOL-10-109628-21S Datasheet
1Mb / 70P
Amphenol QWL Series Cylindrical Connectors
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
Amphenol QWL Series Cylindrical Connectors
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
M81969 AMPHENOL-M81969 Datasheet
1Mb / 44P
Amphenol 97 Series Standard Cylindrical Connector
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com