Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23105 Datasheet (PDF) - TE Connectivity Ltd

V23105 Datasheet PDF - TE Connectivity Ltd
Part # V23105
Download  V23105 Download
File Size   1421.04 Kbytes
Page   8 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Communications/Signal PC Board Relays

V23105 Datasheet (PDF)

Go To PDF Page Download Datasheet
V23105 Datasheet PDF - TE Connectivity Ltd

Part # V23105
Download  V23105 Click to download

File Size   1421.04 Kbytes
Page   8 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Communications/Signal PC Board Relays

V23105 Datasheet (HTML) - TE Connectivity Ltd


V23105 Product details

Product Highlights:
D2n/V23105 Series
Contact - Current Class = 2A to 5A Class
Contact - Rated Current = 3 A
Terminal Type = PCB-THT
Contact - Arrangement = 2 Form C (CO)




Similar Part No. - V23105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105 MACOM-V23105 Datasheet
498Kb / 11P
The Best Relaytion
V23105-A5001-201 MACOM-V23105-A5001-201 Datasheet
498Kb / 11P
The Best Relaytion
V23105-A5002-201 MACOM-V23105-A5002-201 Datasheet
498Kb / 11P
The Best Relaytion
V23105-A5003-201 MACOM-V23105-A5003-201 Datasheet
498Kb / 11P
The Best Relaytion
V23105-A5004-201 MACOM-V23105-A5004-201 Datasheet
498Kb / 11P
The Best Relaytion
More results


Similar Description - V23105

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
JRC-23F ETC1-JRC-23F Datasheet
102Kb / 3P
LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
Relays, Signal, EC2
logo
Marki Microwave
EQ6-40 MARKIMICROWAVE-EQ6-40 Datasheet
836Kb / 4P
Digital Communications, Signal Integrity
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com