Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2981 Datasheet (PDF) - Allegro MicroSystems

2981 Datasheet PDF - Allegro MicroSystems
Part # 2981
Download  2981 Download
File Size   718.85 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVERS

2981 Datasheet (PDF)

Go To PDF Page Download Datasheet
2981 Datasheet PDF - Allegro MicroSystems

Part # 2981
Download  2981 Click to download

File Size   718.85 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVERS

2981 Datasheet (HTML) - Allegro MicroSystems


2981 Product details

8-CHANNEL SOURCE DRIVERS



  Recommended for high-side switching applications that benefit from separate logic and load grounds, these devices encompass load supply voltages to 80 V and output currents to -500 mA. These 8-channel source drivers are useful for interfacing between low-level logic and high-current

loads. Typical loads include relays, solenoids, lamps, stepper and/or servo motors, print hammers, and LEDs.



FEATURES

■ TTL, DTL, PMOS, or CMOS Compatible Inputs

■ 500 mA Output Source Current Capability

■ Transient-Protected Outputs

■ Output Breakdown Voltage to 80 V

■ DIP or SOIC Packaging




Similar Part No. - 2981

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
logo
Adafruit Industries
2981 ADAFRUIT-2981 Datasheet
106Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Violet
logo
Keystone Electronics Co...
2981 KEYSTONE-2981 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Littelfuse
298100 LITTELFUSE-298100 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
PHOENIX CONTACT
2981017 PHOENIX-2981017 Datasheet
92Kb / 6P
Safety relays - PSR-SPP- 24DC/ESP4/2X1/1X2
09/12/2020
More results


Similar Description - 2981

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
logo
Allegro MicroSystems
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
8-CHANNEL SOURCE DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
8-Channel Source Drivers
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
8-CHANNEL SOURCE DRIVERS
UDN2983 ALLEGRO-UDN2983 Datasheet
180Kb / 10P
(UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com