Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1423 Datasheet (PDF) - Allegro MicroSystems

A1423 Datasheet PDF - Allegro MicroSystems
Part # A1423
Download  A1423 Download
File Size   1045.5 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor

A1423 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1423 Datasheet PDF - Allegro MicroSystems

Part # A1423
Download  A1423 Click to download

File Size   1045.5 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor

A1423 Datasheet (HTML) - Allegro MicroSystems


A1423 Product details

Features and Benefi ts
• Integrated tracking capacitor
• Senses motion of ring magnet or ferrous targets
• Wide operating temperature range
• Operation with magnetic input signal frequency from 20 Hz to 30 kHz
• EMI/ESD-resistant
• Large effective air gaps
• 4.0 to 26.5 V supply operating range
• Output compatible with both TTL and CMOS logic families
• Reverse battery protection
• Resistant to mechanical and thermal stress
• Accurate true zero crossing switchpoint (A1421 only)
• High vibration immunity, in running mode (A1423 only)




Similar Part No. - A1423

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1423 ALLEGRO-A1423 Datasheet
1Mb / 15P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
logo
United Automation Ltd. ...
A14231E UNITEDAUTOMATION-A14231E Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
A14232E UNITEDAUTOMATION-A14232E Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
A14232E/HS UNITEDAUTOMATION-A14232E/HS Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
A14233 UNITEDAUTOMATION-A14233 Datasheet
728Kb / 4P
RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
1 July 2025
More results


Similar Description - A1423

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
logo
Allegro MicroSystems
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
Dynamic Differential Hall Effect Sensor
Version 1.1
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
High Precision Linear Hall-Effect Sensor
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1421 ALLEGRO-A1421_16 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A17201 ALLEGRO-A17201 Datasheet
705Kb / 12P
Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com