Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5268 Datasheet (PDF) - Anpec Electronics Coropration

A5268 Datasheet PDF - Anpec Electronics Coropration
Part # A5268
Download  A5268 Download
File Size   479.51 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter

A5268 Datasheet (PDF)

Go To PDF Page Download Datasheet
A5268 Datasheet PDF - Anpec Electronics Coropration

Part # A5268
Download  A5268 Click to download

File Size   479.51 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter

A5268 Datasheet (HTML) - Anpec Electronics Coropration


A5268 Product details

■ General Description
The A5268 is a fixed frequency monolithic synchronous buck regulator that accepts input voltage from 4.75V
to 28V. Two NMOS switches with low on-resistance are
integrated on the die. Current mode topology is used for
fast transient response and good loop stability.
Shutdown mode reduces the input supply current to less
than 1mA. An adjustable soft-start prevents inrush current
at turn-on.
This device is available in SOP-8/PP package with exposed pad for low thermal resistance
■ Applications
■ Distributed Power System
● Networking System
● FPGA, DSP, ASIC Power Supplies
● Notebook Computers
■ Features
● 3A Output Current
● Wide 4.75V to 28V Operating Input Range
● Integrated Power MOSFET Switches
● Output Adjustable from 0.925V to 25V
● Up to 95% Efficiency
● Programmable Soft Start
● Stable with Low ESR Ceramic Output
● Capacitors
● Cycle-by Cycle Over Current Protection
● Fixed 340KHz Frequency
● Input Under Voltage Lockout
● System Protected by Over-current Limiting,
● Over-voltage Protection and Thermal Shut-
down
● Thermally Enhanced SOP-8/PP Package
● Green Products Meet RoHS Standards




Similar Part No. - A5268

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A526RW MPD-A526RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results


Similar Description - A5268

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
AME5268 AME-AME5268 Datasheet
203Kb / 20P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com