Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-A6252M Datasheet (PDF) - Allegro MicroSystems

STR-A6252M Datasheet PDF - Allegro MicroSystems
Part # STR-A6252M
Download  STR-A6252M Download
File Size   972.6 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input 20W 67kHz Flyback Switching Regulators

STR-A6252M Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-A6252M Datasheet PDF - Allegro MicroSystems

Part # STR-A6252M
Download  STR-A6252M Click to download

File Size   972.6 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input 20W 67kHz Flyback Switching Regulators

STR-A6252M Datasheet (HTML) - Allegro MicroSystems


STR-A6252M Product details

FEATURES AND BENEFITS
67 kHz PWM with ±5% frequency jittering for EMI noise
filtering and cost reduction
Rugged 650 V avalanche-rated MOSFET:
• Simplified surge absorption
• No VDSS derating required
Low RDS(on) : 2.8 Ω maximum
Auto-burst mode for stand-by operation or light loads; less
transformer audible noise
Built-in leading edge blanking
Soft start and low start-up current; start-up circuit disabled in
operation
Auto-burst stand-by (intermittent operation) input power
<0.1 W at no load
Built-in constant-voltage/constant current (CV/CC)
Multiple protections:
• Pulse-by-pulse overcurrent protection (OCP)
• Overload protection (OLP) with auto restart
• Latching overvoltage protection (OVP)
• Undervoltage lockout (UVLO) with hysteresis
• Latching thermal shutdown (TSD)




Similar Part No. - STR-A6252M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6252 ALLEGRO-STR-A6252 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
More results


Similar Description - STR-A6252M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com