Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT11671 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT11671 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT11671
Download  AAT11671 Download
File Size   2225.71 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description INTEGRATED TFT LCD POWER SOLUTION

AAT11671 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT11671 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT11671
Download  AAT11671 Click to download

File Size   2225.71 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description INTEGRATED TFT LCD POWER SOLUTION

AAT11671 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT11671 Product details

FEATURES
● Built In 2A (Max.), 0.2Ω Switching NMOS
● Negative LDO Driver Down to –14V/+20mA
● VCOM Operational Amplifier
● Up to 350mA LDO
● Reset Signal Output for TCOM
● 28V High Voltage Switch for VGH
● Adjustable Soft-Start Function
● 1.2MHz Fixed Switching Frequency
● Fault and Thermal Protection
● Low Dissipation Current :
Typical 2.3mA In Operation
 VQFN24-4*4 Package Available
GENERAL DESCRIPTION
The AAT11671 provides a step-up PWM controller,
negative high voltage LDO drivers, low dropout linear
regulator, VCOM operational amplifier and one high
voltage switch (up to 28V) for TFT LCD display. RST pin
will issue a reset signal to TCOM when VDD voltage is too
low. The PWM controller consists of an on-chip voltage
reference, oscillator, error amplifier, current sense circuit,
comparator, under-voltage lockout protection and
soft-start control circuit. The thermal and power fault
protection prevents excessive power damaging internal
circuit. The negative high voltage LDO drivers generate
VOUT2 voltage (VGL) setting by external resistor divider.
For the flicker compensation, VGH will be connected to
VOUT3 when CTL is high and connected to ADJ when
CTL goes low. The AAT11671 contains one operational
amplifier capable of supplying 200mA to VCOM.
With the minimal external components, the AAT11671
offers a simple and economical solution for TFT LCD




Similar Part No. - AAT11671

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1160 AAT-AAT1160 Datasheet
372Kb / 14P
Step Up Current Mode PWM Converter with 41 Operational Amplifiers
V 1.0
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1160 SKYWORKS-AAT1160 Datasheet
1Mb / 18P
12V, 3A Step-Down DC/DC Converter
March 20, 2013
logo
Advanced Analogic Techn...
AAT1160IRN-0.6-T1 ANALOGICTECH-AAT1160IRN-0.6-T1 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1160IRN-0.6-T1 SKYWORKS-AAT1160IRN-0.6-T1 Datasheet
1Mb / 18P
12V, 3A Step-Down DC/DC Converter
March 20, 2013
More results


Similar Description - AAT11671

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1168 AAT-AAT1168 Datasheet
1Mb / 22P
TRIPLE-CHANNEL TFT LCD POWER SOLUTION WITH OPERATIONAL AMPLIFIERS
ersion 1.00
AAT1164-Q5-T AAT-AAT1164-Q5-T Datasheet
1Mb / 24P
TRIPLE-CHANNEL TFT LCD POWER SOLUTION
April 2007 Version 1.00
logo
Intersil Corporation
ISL78419ARZ-T INTERSIL-ISL78419ARZ-T Datasheet
851Kb / 20P
Integrated Automotive TFT-LCD Power Supply Regulator
January 24, 2014
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
logo
Global Mixed-mode Techn...
G5517 GMT-G5517 Datasheet
83Kb / 1P
Integrated Power Solution for TFT-LCD
G5512 GMT-G5512 Datasheet
84Kb / 1P
Integrated Power Solution for TFT-LCD
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
Integrated Power Solution for TFT-LCD
logo
Renesas Technology Corp
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
Integrated Automotive TFT-LCD Power Supply Regulator
logo
uPI Group Inc.
UP6668 UPI-UP6668 Datasheet
774Kb / 19P
TFT-LCD TV Panel Power Solution
logo
Richtek Technology Corp...
SN18400P RICHTEK-SN18400P Datasheet
1Mb / 45P
TFT LCD Integrated Power Module
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com