Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC539E4W Datasheet (PDF) - Texas Instruments

DAC539E4W Datasheet PDF - Texas Instruments
Part # DAC539E4W
Download  DAC539E4W Download
File Size   1874.42 Kbytes
Page   59 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC539E4W 10-Bit Smart DAC for LUT-Based Standalone Fault-Management With Auto-Detected I2C or SPI

DAC539E4W Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC539E4W Datasheet PDF - Texas Instruments

Part # DAC539E4W
Download  DAC539E4W Click to download

File Size   1874.42 Kbytes
Page   59 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC539E4W 10-Bit Smart DAC for LUT-Based Standalone Fault-Management With Auto-Detected I2C or SPI

DAC539E4W Datasheet (HTML) - Texas Instruments


DAC539E4W Product details

1 Features
• Quad comparator inputs
• 10-bit independent comparator thresholds
– 1 LSB DNL
– Gains of 1 ×, 1.5 ×, 2 ×, 3 ×, and 4 ×
• Quad general-purpose output (GPO)
• Look-up table (LUT) based comparator-to-GPO
mapping
• Automatically detected SPI and I2C interface
– 1.62-V VIH with VDD = 5.5 V
• MODE pin to select between programming and
standalone modes
• User-programmable nonvolatile memory (NVM)
• Reference: internal, external, VDD
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40˚C to +125˚C
• Tiny package:
– 16-pin DSBGA: 1.72 mm × 1.72 mm, nominal

2 Applications
• Cordless power tool
• Vacuum robot
• Air purifier and humidifier

3 Description
The DAC539E4W is 10-bit smart digital-to-analog
converters (DACs) with quad programmable
comparator inputs and quad general-purpose outputs.
A look-up table maps the comparator inputs to
the GPOs. The DAC539E4W also supports a
programmable delay to allow the input transitions to
settle. These devices provide NVM for storing the
configurations. This smart DAC functions without the
need for a processor (processor-less operation) using
LUT and NVM.
This device has an automatically detected SPI
and I2C interface and an internal reference. The
feature set combined with the tiny package and low
power make the smart DAC an excellent choice for
applications in fault management.




Similar Part No. - DAC539E4W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC539G2-Q1 TI-DAC539G2-Q1 Datasheet
2Mb / 57P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
JANUARY 2023
DAC539G2-Q1 TI-DAC539G2-Q1 Datasheet
2Mb / 63P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
REVISED SEPTEMBER 2023
DAC539G2-Q1 TI-DAC539G2-Q1_V01 Datasheet
2Mb / 63P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
REVISED SEPTEMBER 2023
DAC539G2RTERQ1 TI-DAC539G2RTERQ1 Datasheet
2Mb / 57P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
JANUARY 2023
DAC539G2RTERQ1 TI-DAC539G2RTERQ1 Datasheet
2Mb / 63P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
REVISED SEPTEMBER 2023
More results


Similar Description - DAC539E4W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC63004 TI-DAC63004 Datasheet
2Mb / 62P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63004 TI-DAC63004_V01 Datasheet
2Mb / 63P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63004 TI-DAC63004_V02 Datasheet
3Mb / 83P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DECEMBER 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC539G2-Q1 TI-DAC539G2-Q1 Datasheet
2Mb / 57P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
JANUARY 2023
DAC53204-Q1 TI1-DAC53204-Q1 Datasheet
3Mb / 84P
DACx3204‑Q1 Automotive, 12-Bit and 10-Bit, Quad, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI
APRIL 2023
DAC539G2-Q1 TI-DAC539G2-Q1_V01 Datasheet
2Mb / 63P
DAC539G2-Q1 Automotive, 10-Bit Smart DAC for General-Purpose Input (GPI) to Pulse-Width-Modulation (PWM) Conversion With Auto-Detected I2C or SPI
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com