Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B31-01-2 Datasheet (PDF) - Analog Devices

7B31-01-2 Datasheet PDF - Analog Devices
Part # 7B31-01-2
Download  7B31-01-2 Download
File Size   533.44 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Voltage Input

7B31-01-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
7B31-01-2 Datasheet PDF - Analog Devices

Part # 7B31-01-2
Download  7B31-01-2 Click to download

File Size   533.44 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Voltage Input

7B31-01-2 Datasheet (HTML) - Analog Devices


7B31-01-2 Product details

PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost and a wide output voltage range for a variety of applications including process control and factory-floor environments. The single-channel 7B modules accept inputs from a range of transducers and are fully rated over the extended -40oC to +85oC industrial temperature range. All 7B Series modules are rated for a nominal power supply input of +24 VDC; and, for maximum flexibility, they will accept supply voltages in the +14 VDC to +35 VDC range. The input modules, with the exception of the 7B21, provide a high-level output voltage that is factory configured for either the +1 V to +5 V or 0 V to +10 V range.

FEATURES
   Interfaces, amplifies, and filters unipolar and bipolar voltage inputs.
   Module provides a precision output of either +1 V to +5 V or
      0 V to +10 V, linear with temperature.
   Rated to operate with a nominal +24 VDC supply.
   All 7B31 series modules are mix-and-match and Hot Swappable.
  
APPLICATIONS
   Industrial signal conditioning
   Industrial signal isolation
   Industrial signal filtering




Similar Part No. - 7B31-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B31 AD-7B31_15 Datasheet
534Kb / 8P
Isolated Voltage Input
REV. 0
More results


Similar Description - 7B31-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B30 AD-3B30 Datasheet
354Kb / 8P
Isolated Voltage Input
3B40 AD-3B40 Datasheet
404Kb / 8P
Isolated Wideband Voltage Input
7B30 AD-7B30 Datasheet
533Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
Isolated, Voltage or Current Input
3B30 AD-3B30_15 Datasheet
362Kb / 8P
Isolated Voltage Input
REV. 0
3B31 AD-3B31_15 Datasheet
362Kb / 8P
Isolated Voltage Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
7B31 AD-7B31_15 Datasheet
534Kb / 8P
Isolated Voltage Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com