Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3311-Q1 Datasheet (PDF) - Texas Instruments

AMC3311-Q1 Datasheet PDF - Texas Instruments
Part # AMC3311-Q1
Download  AMC3311-Q1 Download
File Size   1703.4 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter

AMC3311-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC3311-Q1 Datasheet PDF - Texas Instruments

Part # AMC3311-Q1
Download  AMC3311-Q1 Click to download

File Size   1703.4 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter

AMC3311-Q1 Datasheet (HTML) - Texas Instruments


AMC3311-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Single-supply operation (3.3 V or 5 V) with
integrated DC/DC converter
• Input voltage range (2 V) optimized for voltage
measurements with high input impedance
• Fixed gain: 1.0
• Low DC errors:
– Offset error: ±1 mV (max)
– Offset drift: ±10 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
– Nonlinearity: ±0.02% (max)
• High CMTI: 85 kV/μs (min)
• System-level diagnostic features
• Meets CISPR-11 and CISPR-25 EMI standards
• Safety-related certifications:
– 6000-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 4250-VRMS isolation for 1 minute per UL1577

2 Applications
• Isolated voltage sensing in:
– HEV/EV onboard chargers (OBC)
– HEV/EV DC/DC converters
– HEV/EV traction inverters

3 Description
The AMC3311-Q1 is a precision, isolated amplifier
with a fully integrated, isolated DC/DC converter that
allows single-supply operation from the low-side of the
device. The reinforced capacitive isolation barrier is
highly resistant to magnetic interference, is certified
according to DIN EN IEC 60747-17 (VDE 0884-17)
and UL1577, and supports a working voltage of up to
1200 VRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from voltage levels
that can cause electrical damage and are potentially
harmful to an operator.
The input of the AMC3311-Q1 is optimized for
direct connection to high-impedance resistive dividers
that are typically used for sensing high voltages.
The integrated isolated DC/DC converter allows
measurement of non-ground-referenced signals and
makes the device a unique solution for noisy, spaceconstrained
applications. The high DC accuracy
and low temperature drift support accurate voltage
monitoring and control.
The AMC3311-Q1 is offered in a wide-body, 16-pin
SOIC package, and is specified over the temperature
range of –40°C to +125°C.




Similar Part No. - AMC3311-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
More results


Similar Description - AMC3311-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com