Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAL9539 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TCAL9539 Datasheet PDF - Texas Instruments
Part # TCAL9539
Download  TCAL9539 Download
File Size   2013.61 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers

TCAL9539 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCAL9539 Datasheet PDF - Texas Instruments

Part # TCAL9539
Download  TCAL9539 Click to download

File Size   2013.61 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers

TCAL9539 Datasheet (HTML) - Texas Instruments


TCAL9539 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional safety-capable
– Documentation available to aid in functional
safety system design
• Operating power-supply voltage range of 1.08 V to
3.6 V
• Low standby current consumption of 1 μA typical
at 1.8 V
• 1-MHz fast mode plus I2C bus
• Hardware address pin allows two devices on the
same I2C, SMBus bus
• Active-low reset input (RESET )
• Open-drain active-low interrupt output (INT )
• Input or output configuration register
• Polarity inversion register
• Configurable I/O drive strength register
• Pull-up and pull-down resistor configuration
register
• Internal power-on reset
• Noise filter on SCL or SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per AEC
Q100-004
• ESD protection exceeds AEC - Q100 requirements
– 4000-V Human-body model (AEC - Q100-002)
– 1000-V Charged-device model (AEC -
Q100-011)

2 Applications
• Automotive infotainment and cluster
• Body electronics and lighting
• Hybrid, electric and powertrain systems
• Industrial transportation
• Products with GPIO-limited processors

3 Description
The TCAL9539-Q1 device provides general purpose
parallel input/output (I/O) expansion for the two-line
bidirectional I2C bus (or SMBus) protocol and is
designed for 1.08-V to 3.6-V VCC operation.
The device supports 100-kHz (Standard-mode),
400-kHz (Fast-mode), and 1-MHz (fast-mode-plus)
I2C clock frequencies. I/O expanders such as
the TCAL9539-Q1 provide a simple solution when
additional I/Os are needed for switches, sensors,
push-buttons, LEDs, fans, and so on.
The TCAL9539-Q1 has Agile I/O ports which include
additional features designed to enhance the I/O
performance in terms of speed, power consumption
and EMI. The additional features are: programmable
output drive strength, programmable pull-up and pulldown
resistors, latchable inputs, maskable interrupt,
interrupt status register, and programmable opendrain
or push-pull outputs.




Similar Part No. - TCAL9539

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 41P
TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 47P
TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
NOVEMBER 2022
TCAL9539 TI1-TCAL9539 Datasheet
1Mb / 42P
TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
TCAL9539-Q1 TI-TCAL9539-Q1 Datasheet
1Mb / 47P
TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
NOVEMBER 2022
TCAL9539-Q1 TI1-TCAL9539-Q1 Datasheet
1Mb / 42P
TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
More results


Similar Description - TCAL9539

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
logo
Texas Instruments
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 41P
TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
TCAL9539-Q1 TI-TCAL9539-Q1 Datasheet
1Mb / 47P
TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
NOVEMBER 2022
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com