Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP144 Datasheet (PDF) - Texas Instruments

TMP144 Datasheet PDF - Texas Instruments
Part # TMP144_V03
Download  TMP144 Download
File Size   1528.09 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface

TMP144 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP144 Datasheet PDF - Texas Instruments

Part # TMP144_V03
Download  TMP144 Click to download

File Size   1528.09 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface

TMP144 Datasheet (HTML) - Texas Instruments


TMP144 Product details

1 Features
• Multiple Device Access (MDA):
– Global read/write operations
• SMAART Wire™ / UART interface
• Resolution: 12-bit or 0.0625°C
• ±1°C maximum (–10°C to +100°C)
• ±2°C maximum (–40°C to +125°C)
• Low quiescent current:
– 3-μA active IQ at 0.25 Hz
– 0.6-μA shutdown
• Supply range: 1.4 V to 3.6 V
• Push-pull digital output
• Package:
– 0.76 mm × 0.96 mm, 150-μm maximum height,
4-ball YMT (DSBGA)
– 0.76 mm × 0.96 mm, 310-μm maximum height,
4-ball YBK (DSBGA)
– 0.76 mm × 0.96 mm, 625-μm maximum height,
4-ball YFF (DSBGA)

2 Applications
• Handsets
• Smartphones
• Tablets
• LED Backlighting
• HDTVs
• Enterprise Servers
• Notebooks
• Medical

3 Description
The TMP144 digital output temperature sensor can
read temperatures to a resolution of 0.0625°C.
The device has a SMAART Wire™ / UART
interface that supports daisy-chain configurations. The
interface also supports Multiple Device Access (MDA)
commands that let the host communicate with multiple
devices on the bus simultaneously. MDA commands
are used as an alternative to sending individual
commands to each device on the bus. Up to 16
TMP144 devices can be attached together serially
and can be read by the host computer.
The TMP144 device is designed for spaceconstrained,
power-sensitive applications with multiple
temperature measurement zones that must be
monitored. The device is specified for operation over
a temperature range of –40°C to 125°C and is
available in three different 4-ball, low-height wafer
chip-scale package (DSBGA) options. The YMT
package of the device has a height of 150 μm, which
is 40% thinner than a 0201 resistor. The thinner
YMT package can be placed under heat-dissipating
components on the system for better accuracy and
faster thermal response times.




Similar Part No. - TMP144_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
More results


Similar Description - TMP144_V03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com