Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3760 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS3760 Datasheet PDF - Texas Instruments
Part # TPS3760
Download  TPS3760 Download
File Size   1900.29 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive

TPS3760 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3760 Datasheet PDF - Texas Instruments

Part # TPS3760
Download  TPS3760 Click to download

File Size   1900.29 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive

TPS3760 Datasheet (HTML) - Texas Instruments


TPS3760 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide supply voltage range: 2.7 V to 65 V
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 μA (typical)
• Flexible and wide voltage threshold options
Table 10-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output reset latching feature
• Output topology: Open-Drain or Push-Pull

2 Applications
• Telematics control unit
• Emergency call system
• Audio amplifier
• Head unit and cluster
• Sensor fusion and cameras
• Body control module

3 Description
The TPS3760-Q1 is a 65 V input voltage detector with
1 μA IDD and 1% accuracy, and a fast detection time.
This device can be connected directly to 12 V / 24 V
automotive battery system for continuous monitoring
of over (OV) or under (UV) voltage conditions; with
its internal resistor divider, it offers the smallest total
solution size. Wide hysteresis voltage options are
available to ignore cold crank, start-stop and various
car battery voltage transients. Built-in hysteresis on
the SENSE pin prevents false reset signals when
monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability automotive
systems and SENSE can monitor higher and lower
voltages than VDD. Optional use of external resistors
are supported by the high impedance input of
the SENSE pin. CTS and CTR pins allow delay
adjustability on the rising and falling edges of the
RESET signals. Also, CTS functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails; CTR operates as a manual reset (MR) that can
be used to force a system reset.
The TPS3760 is available in a 4.1-mm×1.9-mm SOT
14-pin package. TPS3760 operates over –40°C to
+125°C TA.




Similar Part No. - TPS3760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3760 TI-TPS3760 Datasheet
2Mb / 39P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760 TI-TPS3760 Datasheet
1Mb / 38P
TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive
MARCH 2022
TPS3760 TI-TPS3760 Datasheet
1Mb / 40P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760 TI-TPS3760 Datasheet
1Mb / 40P
TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive
MARCH 2022
TPS3760 TI-TPS3760 Datasheet
1Mb / 44P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
REVISED SEPTEMBER 2023
More results


Similar Description - TPS3760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840-Q1 TI1-TPS3840-Q1_V01 Datasheet
1Mb / 37P
TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3760 TI-TPS3760 Datasheet
2Mb / 39P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760-Q1 TI-TPS3760-Q1 Datasheet
1Mb / 38P
TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive
MARCH 2022
TPS3760-Q1 TI-TPS3760-Q1_V01 Datasheet
1Mb / 40P
TPS3760-Q1 High Voltage Supervisor with Programmable Sense and Reset Delay Function for Automotive
MARCH 2022
TPS3760 TI-TPS3760_V01 Datasheet
1Mb / 40P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3840-Q1 TI-TPS3840-Q1_V02 Datasheet
1Mb / 37P
TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
REVISED APRIL 2020
TPS3760 TI-TPS3760_V02 Datasheet
1Mb / 44P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com