Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259481AYWPR Datasheet (PDF) - Texas Instruments

TPS259481AYWPR Datasheet PDF - Texas Instruments
Part # TPS259481AYWPR
Download  TPS259481AYWPR Download
File Size   4487.05 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery

TPS259481AYWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS259481AYWPR Datasheet PDF - Texas Instruments

Part # TPS259481AYWPR
Download  TPS259481AYWPR Click to download

File Size   4487.05 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery

TPS259481AYWPR Datasheet (HTML) - Texas Instruments


TPS259481AYWPR Product details

1 Features
• Wide operating input voltage range: 3.5 V to 23 V
– 28-V absolute maximum
– Can be powered from either IN or OUT
• Integrated back-to-back FETs with low Onresistance:
RON = 12.2 mΩ (typ.)
• Ideal diode operation with true reverse current
blocking (RCB)
– External pin control (RCBCTRL) to disable
RCB and allow bi-directional power delivery
in steady-state to support USB OTG or DRP
operation
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with 1-
μs (typ.) response time
• Overcurrent protection with load current monitor
output (ILM)
– Active current limit response
– Adjustable threshold (ILIM) 1 A–9 A
• ±10% accuracy (max) for ILIM > 3 A
– Adjustable transient blanking timer (ITIMER) to
allow peak currents > ILIM
– Output load current monitor accuracy: ±6%
(typ.) (IOUT ≥ 3 A)
• Fast-trip response for short-circuit protection
– < 1-μs (typ.) response time
– Adjustable and fixed thresholds
• Active high enable input with adjustable
undervoltage lockout threshold (UVLO)
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Digital outputs: Supply Good (SPLYGD/SPLYGD)
and fault indication (FLT)
• UL 2367 recognition (planned)
• IEC 62368-1 CB certification (planned)
• Small footprint: PowerWCSP 2.4 mm × 1.7 mm,
0.5-mm pitch

2 Applications
• Adapter and charger input protection
• USB PD protection: smartphone, tablet, PC,
notebook, monitor, dock
• Server motherboard, add-on cards
• Enterprise storage: HBA, SAN, and eSSD
• Power MUXing and ORing

3 Description
The TPS25948xx family of eFuses is a highly
integrated, circuit-protection and power-management
solution in a small package. The devices provide
multiple protection modes that use few external
components and are a robust defense against
overloads, short-circuits, voltage surges, reverse
polarity, and excessive inrush current. With integrated
back-to-back FETs, reverse current flow from output
to input is blocked at all times, making the devices
well suited for power MUX and ORing applications, as
well as systems that need load side energy hold up
storage if input power supply fails. The devices use a
linear ORing based scheme to ensure almost zero DC
reverse current and emulate ideal diode behavior with
minimum forward voltage drop and power dissipation.
The devices also provide an external pin control
option to disable the reverse current blocking and
allow bi-directional power delivery in steady-state.
Output slew rate and inrush current can be adjusted
using a single external capacitor. Loads are protected
from input overvoltage conditions by cutting off the
output if input exceeds an adjustable overvoltage
threshold. The devices respond to output overload by
actively limiting the current. The output current limit
threshold as well as the transient overcurrent blanking
timer are user adjustable. The current limit control pin
also functions as an analog load current monitor.
The devices are available in a 2.4-mm × 1.7-mm, 12-
ball power wafer chip scale package (PowerWCSP)
for improved thermal performance and reduced
system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS259481AYWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259481AYWPR TI2-TPS259481AYWPR Datasheet
4Mb / 57P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery
REVISED AUGUST 2025
TPS259481AYWPR TI2-TPS259481AYWPR Datasheet
4Mb / 67P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery
REVISED APRIL 2026
TPS259481AYWPR.A TI2-TPS259481AYWPR.A Datasheet
4Mb / 57P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery
REVISED AUGUST 2025
TPS259481AYWPR.A TI2-TPS259481AYWPR.A Datasheet
4Mb / 67P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery
REVISED APRIL 2026
More results


Similar Description - TPS259481AYWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25990 TI-TPS25990 Datasheet
6Mb / 74P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A eFuse with PMBus® Digital Telemetry
REVISED SEPTEMBER 2022
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25990 TI-TPS25990_V01 Datasheet
10Mb / 143P
TPS25990 2.9 V – 16 V, 0.79-mΩ, 60-A Stackable eFuse with PMBus® Digital Telemetry
REVISED JUNE 2023
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com