Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS922052DMTR Datasheet (PDF) - Texas Instruments

TPS922052DMTR Datasheet PDF - Texas Instruments
Part # TPS922052DMTR
Download  TPS922052DMTR Download
File Size   4187.38 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92205x 65-V 2-A / 4-A Buck LED Driver with Inductive Fast Dimming

TPS922052DMTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS922052DMTR Datasheet PDF - Texas Instruments

Part # TPS922052DMTR
Download  TPS922052DMTR Click to download

File Size   4187.38 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92205x 65-V 2-A / 4-A Buck LED Driver with Inductive Fast Dimming

TPS922052DMTR Datasheet (HTML) - Texas Instruments


TPS922052DMTR Product details

1 Features
• 4.5-V to 65-V wide input range
• LED common anode connection
• Integrated 150-mΩ MOSFET with typical 3-A / 6-A
current limit
• Optional switching frequency: 100 kHz to 2.2 MHz
• Spread spectrum for TPS922053 and TPS922055
• Advanced dimming options:
– Analog dimming (256:1)
– Fast PWM dimming (150-ns pulse width)
– Hybrid and flexible dimming (2,000:1 at 20-kHz
PWM, 10,000:1 at 4-kHz PWM, 1,000,000:1 at
120-Hz PWM)
• CC / CV charging mode
• Full protection features:
– LED open and short protection
– Switching FET open and short protection
– External component failure protection
– Cycle-by-cycle current limit
– Thermal shutdown
– Fault output (open drain)
• Configurable thermal foldback curve
• VSON, WSON and SOT23 package options

2 Applications
• Constant illumination:
– Indoor, outdoor, professional lighting
– Medical, surgical lighting
– Projector, laser TV, printer, IP camera
• Instant illumination:
– Machine vision, camera flash
– Fire alarm, strobe
• CC and CV source:
– LCD backlighting
– Battery charging
– TEC control

3 Description
The TPS92205x family is a 2-A / 4-A nonsynchronous
Buck LED driver with 4.5-V to 65-V
wide input range. By integrating the low-side NMOS
switch, the device is capable of driving LEDs as well
as charging batteries with high power density and
high efficiency. The family also supports common
anode connection and single layer PCB design. The
switching frequency is configurable from 100 kHz to
2.2 MHz with optional spread spectrum feature for
better EMI performance.
The TPS92205x family supports four dimming
options, including analog, PWM, hybrid and flexible
dimming. Each dimming method can be configured
through the PWM and ADIM input pins by means
of simple high and low signals. The family adopts
an adaptive off-time current mode control along with
smart and accurate sampling to enable inductive fast
dimming (IFD) and achieve high dimming accuracy.
The TPS92205x family also provides multiple
systematic protections, including LED open and short,
sense resistor open and short, configurable thermal
foldback and thermal shutdown. A Fault output
sends out acknowledge signals as soon as any fault
condition is detected.




Similar Part No. - TPS922052DMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS922052DMTR TI-TPS922052DMTR Datasheet
4Mb / 41P
TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
JUNE 2023
More results


Similar Description - TPS922052DMTR

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Texas Instruments
TPS92200 TI1-TPS92200 Datasheet
6Mb / 36P
TPS92200 4-V to 30-V Input Voltage, 1.5-A Output Current, Synchronous Buck LED Driver With Flexible Dimming Options
TPS92519-Q1 TI-TPS92519-Q1 Datasheet
3Mb / 42P
TPS92519-Q1 4.5-V to 65-V Dual 2-A Synchronous Buck LED Driver
AUGUST 2021
TPS92200 TI-TPS92200_V01 Datasheet
12Mb / 43P
TPS92200 4-V to 30-V Input Voltage, 1.5-A Output Current, Synchronous Buck LED Driver With Flexible Dimming Options
SEPTEMBER 2021
TPS92519-Q1 TI-TPS92519-Q1_V01 Datasheet
4Mb / 48P
TPS92519-Q1 4.5-V to 65-V Dual Automotive 2-A Synchronous Buck LED Driver
DECEMBER 2021
TPS922052 TI-TPS922052 Datasheet
4Mb / 41P
TPS92205x 65-V 2-A/4-A Buck LED Driver with Inductive Fast Dimming
JUNE 2023
TPS923652 TI-TPS923652 Datasheet
3Mb / 38P
TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
JUNE 2023
LP8868X-Q1 TI1-LP8868X-Q1 Datasheet
1Mb / 33P
LP8868X-Q1 family Automotive 65-V 4-A Multi-Topology LED Driver with Inductive Fast Dimming
JULY 2023
TPS923652 TI-TPS923652_V01 Datasheet
3Mb / 47P
TPS92365x 65-V 2-A / 4-A Boost / Buck-Boost LED Driver with Inductive Fast Dimming
REVISED SEPTEMBER 2023
LP8868U-Q1 TI-LP8868U-Q1 Datasheet
2Mb / 40P
LP8868-Q1 Automotive Multi-Topology LED Driver with Inductive Fast Dimming
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com