Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP1642P Datasheet (PDF) - uPI Group Inc.

UP1642P Datasheet PDF - uPI Group Inc.
Part # UP1642P
Download  UP1642P Download
File Size   664.3 Kbytes
Page   18 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power

UP1642P Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1642P Datasheet PDF - uPI Group Inc.

Part # UP1642P
Download  UP1642P Click to download

File Size   664.3 Kbytes
Page   18 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power

UP1642P Datasheet (HTML) - uPI Group Inc.


UP1642P Product details

Support NVIDIA’s Open VReg Type-2 and 2+1
PWMVID Technology
Wide Input Voltage Range 4.5V ~ 26V
Robust Constant On-Time Control
3/2/1 Phase Operation
Two Integrated MOSFET Drivers with Shoot-
Through Protection and Internal Bootstrap
Switch
Adjustable Current Balancing by RDS(ON) Current
Sensing
Adjustable Operation Frequency from 200kHz
to 1MHz
External Compensation
Support NVIDIA’s PWMVID Function
Dynamic Output Voltage Adjustment
Temperature Sensing and Thermal Alert
Power Good Indication
Over Voltage Protection
Under Voltage Protection
Short Circuit Protection
Over Temperature Protection
RoHS Compliant and Halogen Free




Similar Part No. - UP1642P

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1649Q UPI-UP1649Q Datasheet
388Kb / 29P
Phase PWM Controller
UP1649QQGJ UPI-UP1649QQGJ Datasheet
388Kb / 29P
Phase PWM Controller
More results


Similar Description - UP1642P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP9511 UPI-UP9511 Datasheet
698Kb / 17P
8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com