Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4326 Datasheet (PDF) - Broadcom Corporation.

BCM4326 Datasheet PDF - Broadcom Corporation.
Part # BCM4326
Download  BCM4326 Download
File Size   117.73 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU

BCM4326 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM4326 Datasheet PDF - Broadcom Corporation.

Part # BCM4326
Download  BCM4326 Click to download

File Size   117.73 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU

BCM4326 Datasheet (HTML) - Broadcom Corporation.


BCM4326 Product details



FEATURES

• Highly integrated one-chip MAC, baseband, direct conversion radio, and ARM7™ processor for low-power embedded applications.

• Designed to meet exacting requirements of mobile devices, including small form factor, ultra-low power consumption, and low cost.

• Footprint-compatible with BCM4328 single-chip IEEE 802.11a/b/g™ dual-band MAC/baseband/radio with integrated CPU.

• Support for multiple interface options popular in embedded designs: SDIO (1- and 4-bit) and USB 2.0.

• Embedded ARM7 CPU that executes the full WLAN driver, eliminating the need for complicated wireless LAN integration into the host platform.

• Portable streamlined software interface for easy migration to embedded operating systems.

• Support for advanced Bluetooth® coexistence algorithms with hardware interface targeted at voice and multimedia applications.

• On-chip boot ROM and SRAM for a complete WLAN subsystem.

• Internal fractional nPLL allows support for a wide range of reference clock frequencies.

• Requires only a single 3.3V external supply voltage.

• 3.3V/1.8V-tolerant I/O.

• Support for 2.5V–5.5V VBAT supplies with a single external switching regulator.

• On-chip UART and JTAG interfaces for ease of debugging.

• Available in FBGA (0.5-mm pitch) and WLCSP (0.25-mm pitch) packages.

• Integrated power amplifier for medium-transmit power embedded devices; interface to external power amplifier for high-power applications.




Similar Part No. - BCM4326

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4321 BOARDCOM-BCM4321 Datasheet
272Kb / 2P
Intensi-fi Gigabit Ethernet Draft-802.11n Processor
logo
Cypress Semiconductor
BCM43236 CYPRESS-BCM43236 Datasheet
504Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
BCM43236B CYPRESS-BCM43236B Datasheet
504Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
BCM43236BKMLG CYPRESS-BCM43236BKMLG Datasheet
908Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
BCM43236BKMLG CYPRESS-BCM43236BKMLG Datasheet
504Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
More results


Similar Description - BCM4326

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4328 BOARDCOM-BCM4328 Datasheet
117Kb / 2P
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
logo
Cypress Semiconductor
BCM4318EKFBG CYPRESS-BCM4318EKFBG Datasheet
1Mb / 54P
AirForce One??Chip 802.11g MAC/Baseband/Radio
BCM43143KMLG CYPRESS-BCM43143KMLG Datasheet
1Mb / 58P
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com