Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96717 Datasheet (PDF) - Analog Devices

MAX96717 Datasheet PDF - Analog Devices
Part # MAX96717
Download  MAX96717 Download
File Size   6540.95 Kbytes
Page   235 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CSI-2 to GMSL2 Serializer

MAX96717 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX96717 Datasheet PDF - Analog Devices

Part # MAX96717
Download  MAX96717 Click to download

File Size   6540.95 Kbytes
Page   235 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CSI-2 to GMSL2 Serializer

MAX96717 Datasheet (HTML) - Analog Devices


MAX96717 Product details

General Description
The MAX96717 GMSL™ serializer receives video on an MIPI CSI-2 interface and outputs it on a GMSL2 serial link transceiver. Simultaneously, it sends and receives bidirectional control channel data across the same GMSL2 link. GMSL2 data can be transported over Coaxial or Shielded-Twisted Pair (STP) cables. It operates at a fixed rate of 3Gbps or 6Gbps in the forward direction, and 187.5Mbps in the reverse direction. The device is programmed through a local I2C/UART interface or across the link from a matching deserializer. The MAX96717 includes two I2C/UART pass-through channels, flexible GPIO, SPI tunnel, a built-in ADC, temperature sensor, and an extensive set of diagnostics for functional safety. Operation is specified over the automotive temperature range of -40°C to +105°C and the device is AEC-Q100 Grade 2 qualified.
Data can be transmitted over low-cost 50Ω Coax or 100Ω STP cables that meet the GMSL2 channel specification. Table 1 provides guidance to typical maximum lengths of commonly used automotive cables. Contact the factory for the GMSL2 channel specification.

Benefits and Features
●Automotive Grade High Speed Link
•-21.0dB at 3GHz (6Gbps) Max Insertion Loss
•-19.5dB at 1.5GHz (3Gbps) Max Insertion Loss
•Auto Adapt for Changes in Channel Conditions
•Operates at -40°C to +105°C Ambient
●Four-Lane MIPI CSI-2 v1.3 Input Port
•MIPI D-PHY v1.2 Receivers rated at 2.5Gbps perLane
•Supports any CSI-2 Data Type in Tunneling Mode
•Cyclic Redundancy Check (CRC), and ErrorCorrection Code (ECC)
•16 Virtual Channels
•Polarity Flip and Data Lane Reassignment
●Full-Duplex Communication Over a Single Wire
●3Gbps or 6Gbps Forward-Link Rates, and 187.5MbpsReverse-Link Rate
●ASIL-B Compliant
•End-to-End Data Integrity through CRC inTunneling Mode
•R-S Forward-Error Correction (FEC) for Protectionof Forward Video and Control-Channel Data
•CRC Protection of Side-Channel and Video Data
•Power-on Self Test
●Concurrent Side Channel for Device Configurationand Communication with Peripherals
•I2C/UART, Pass-Through I2C/UART, SPI, GPIO,and Register-Programmable GPIO
●Crystal-Free Operation Using Reference OverReverse (RoR) Clocking
●Reference Clock Output for Image Sensor
●Built-in ADC and Temperature Sensor
●Compact 5mm x 5mm TQFN Side-Wettable Packagewith 0.5mm Pitch

Applications
●Advanced Driver Assistance Systems (ADAS)
●8Mp 40fps Forward-Vision Camera (FVC) Systems
●Surround View Systems (SVS)
●Driver Monitor Systems (DMS)
●Rear-View Camera (RVC)
●Systems with Multiple Synchronized Cameras




Similar Part No. - MAX96717

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX96717 AD-MAX96717 Datasheet
3Mb / 235P
CSI-2 to GMSL2 Serializer
Rev 5; 9/23
MAX96717F AD-MAX96717F Datasheet
3Mb / 234P
CSI-2 to GMSL2 Serializer
19-100972; Rev 3; 10/22
MAX96717FGTJ/V AD-MAX96717FGTJ/V Datasheet
3Mb / 234P
CSI-2 to GMSL2 Serializer
19-100972; Rev 3; 10/22
MAX96717FGTJ/V+ AD-MAX96717FGTJ/V+ Datasheet
3Mb / 234P
CSI-2 to GMSL2 Serializer
19-100972; Rev 3; 10/22
MAX96717FGTJ/V+T AD-MAX96717FGTJ/V+T Datasheet
3Mb / 234P
CSI-2 to GMSL2 Serializer
19-100972; Rev 3; 10/22
More results


Similar Description - MAX96717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
FPD-Link III to CSI-2 Deserializer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
FPD-Link III 3-Gbps Serializer With CSI-2 Interface
logo
STMicroelectronics
STMIPID02 STMICROELECTRONICS-STMIPID02 Datasheet
2Mb / 50P
Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
Rev 1 - 22-Oct-2018
logo
Rohm
BU18TM41-C ROHM-BU18TM41-C Datasheet
859Kb / 11P
Clockless Link-BD Serializer with MIPI CSI-2 Interface for Automotive
25.Mar.2021 Rev.001
logo
Analog Devices
MAX96724 AD-MAX96724 Datasheet
4Mb / 474P
Quad Tunneling GMSL2/1 to CSI-2 Deserializer
Rev 4; 1/23
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714 AD-MAX96714_V01 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
19-101134; Rev 2; 6/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com