Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F149 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
MSP430F149 Datasheet PDF - Texas Instruments
Part # MSP430F149
Download  MSP430F149 Download
File Size   1581.61 Kbytes
Page   83 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers

MSP430F149 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F149 Datasheet PDF - Texas Instruments

Part # MSP430F149
Download  MSP430F149 Click to download

File Size   1581.61 Kbytes
Page   83 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers

MSP430F149 Datasheet (HTML) - Texas Instruments


MSP430F149 Product details

1.1 Features 1
• Low Supply Voltage Range, 1.8 V to 3.6 V
• Ultra-Low Power Consumption:
– Active Mode: 280 μA at 1 MHz, 2.2 V
– Standby Mode: 1.6 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Wakeup From Standby Mode in Less Than 6 μs
• 16-Bit RISC Architecture, 125-ns Instruction Cycle
Time
• 12-Bit Analog-to-Digital Converter (ADC) With
Internal Reference, Sample-and-Hold, and
Autoscan Feature
• 16-Bit Timer_B With Seven Capture/Compare-
With-Shadow Registers
• 16-Bit Timer_A With Three Capture/Compare
Registers
• On-Chip Comparator
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• Serial Communication Interface (USART),
Functions as Asynchronous UART or Synchronous
SPI Interface
– Two USARTs (USART0, USART1) On
MSP430F14x and MSP430F14x1 Devices
– One USART (USART0) On MSP430F13x
Devices
• Family Members (Also See Device Comparison)
– MSP430F133
– 8KB + 256 Bytes of Flash Memory,
256 Bytes of RAM
– MSP430F135
– 16KB + 256 Bytes of Flash Memory,
512 Bytes of RAM
– MSP430F147, MSP430F1471
– 32KB + 256 Bytes of Flash Memory,
1KB of RAM
– MSP430F148, MSP430F1481
– 48KB + 256 Bytes of Flash Memory,
2KB of RAM
– MSP430F149, MSP430F1491
– 60KB + 256 Bytes of Flash Memory,
2KB of RAM

1.2 Applications
• Sensor Systems
• Industrial Controls
• Hand-Held Meters




Similar Part No. - MSP430F149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F149 TI-MSP430F149 Datasheet
1Mb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F149 TI-MSP430F149 Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F149 TI1-MSP430F149 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F149 TI2-MSP430F149 Datasheet
1Mb / 88P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
MSP430F149 TI2-MSP430F149 Datasheet
1Mb / 88P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
More results


Similar Description - MSP430F149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com