Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221IPWRG4 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
MAX3221IPWRG4 Datasheet PDF - Texas Instruments
Part # MAX3221IPWRG4
Download  MAX3221IPWRG4 Download
File Size   1134.98 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection

MAX3221IPWRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3221IPWRG4 Datasheet PDF - Texas Instruments

Part # MAX3221IPWRG4
Download  MAX3221IPWRG4 Click to download

File Size   1134.98 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection

MAX3221IPWRG4 Datasheet (HTML) - Texas Instruments


MAX3221IPWRG4 Product details

3 Description
The MAX3221 device consists of one line driver, one
line receiver with dedicated enable pin, and a dual
charge-pump circuit with ±15-kV ESD protection pin
to pin (serial-port connection pins, including GND).
The device meets the requirements of TIA/EIA-232-
F and provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single
3-V to 5.5-V supply. These devices operate at data
signaling rates up to 250 kbps and a maximum of
30-V/μs driver output slew rate.
Flexible control options for power management
are available when the serial port is inactive.
The automatic power-down feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not sense a
valid RS-232 signal on the receiver input, the driver output
is disabled and the supply current is reduced to 1 μA.
The INVALID output notifies the user if an RS-232
signal is present at the receiver input.

1 Features
• RS-232 Bus-pin ESD protection exceeds
±15 kV using human body model (HBM)
• Meets or exceeds the requirements of
TIA/EIA-232-F and ITU V.28 standards
• Operates with 3-V to 5.5-V VCC supply
• Operates up to 250 kbps
• One driver and one receiver
• Low standby current: 1 μA typical
• External capacitors: 4 × 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• Alternative high-speed pin-compatible
device (1 Mbps)
– SNx5C3221
• Automatic power-down feature automatically
disables drivers for power savings

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment




Similar Part No. - MAX3221IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221IPWRG4 TI-MAX3221IPWRG4 Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221IPWRG4 TI-MAX3221IPWRG4 Datasheet
392Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221IPWRG4 TI2-MAX3221IPWRG4 Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
MAX3221IPWRG4.A TI2-MAX3221IPWRG4.A Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
More results


Similar Description - MAX3221IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3221E TI1-TRS3221E_17 Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com