Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7915A Datasheet (PDF) - Belden Inc.

7915A Datasheet PDF - Belden Inc.
Part # 7915A
Download  7915A Download
File Size   158.25 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM

7915A Datasheet (PDF)

Go To PDF Page Download Datasheet
7915A Datasheet PDF - Belden Inc.

Part # 7915A
Download  7915A Click to download

File Size   158.25 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM

7915A Datasheet (HTML) - Belden Inc.


7915A Product details

Product Description
Broadband Coax, Series 6, 18 AWG Solid Bare Copper Conductor, PE Insulation, Foil + 77% Aluminum Braid + Foil Shield, PVC Jacket, CM




Similar Part No. - 7915A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7915A0091000 ETC2-7915A0091000 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7915A009500 ETC2-7915A009500 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7915A009U1000 ETC2-7915A009U1000 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7915A009U500 ETC2-7915A009U500 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
7915A0101000 ETC2-7915A0101000 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
More results


Similar Description - 7915A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
logo
Belden Inc.
121872A BELDEN-121872A Datasheet
286Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, AIA Armor, PVC Jkt, CMG CM
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8486 BELDEN-8486 Datasheet
157Kb / 2P
Electronic, 2 C #19 Sol BC, PVC Ins, PVC Jkt, CM
05-05-2023
9405 BELDEN-9405 Datasheet
192Kb / 2P
Electronic, 26 C #1816 Str TC, PVC Ins, PVC Jkt, CM
06-01-2023
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
62T1806 BELDEN-62T1806 Datasheet
149Kb / 2P
Inst PVC/PVC, 6 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, TC NPLF 90C Dry 75C Wet
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com