Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5A-327 Datasheet (PDF) - Fox Electronics

F5A-327 Datasheet PDF - Fox Electronics
Part # F5A-327
Download  F5A-327 Download
File Size   397.29 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2mm x 1.5mm SMD Tuning Fork

F5A-327 Datasheet (PDF)

Go To PDF Page Download Datasheet
F5A-327 Datasheet PDF - Fox Electronics

Part # F5A-327
Download  F5A-327 Click to download

File Size   397.29 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2mm x 1.5mm SMD Tuning Fork

F5A-327 Datasheet (HTML) - Fox Electronics




Similar Part No. - F5A-327

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
F5A FS-F5A Datasheet
501Kb / 3P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
logo
Edal Industries, Inc.
F5A3 EDAL-F5A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results


Similar Description - F5A-327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K161 FOX-K161 Datasheet
310Kb / 3P
1.6 x 1.0mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K13A FOX-K13A Datasheet
302Kb / 3P
3.2 x 1.5mm Auto Grade Tuning Fork
K13L FOX-K13L Datasheet
283Kb / 3P
3.2 x 1.5mm SMD Tuning Fork, Low ESR
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
logo
Transko Electronics, In...
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com