Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8258H Datasheet (PDF) - Toshiba Semiconductor

TA8258H Datasheet PDF - Toshiba Semiconductor
Part # TA8258H
Download  TA8258H Download
File Size   371.13 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual Audio Power Amplifier

TA8258H Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8258H Datasheet PDF - Toshiba Semiconductor

Part # TA8258H
Download  TA8258H Click to download

File Size   371.13 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual Audio Power Amplifier

TA8258H Datasheet (HTML) - Toshiba Semiconductor


TA8258H Product details

Features
• High output power: Pout = 20 W/channel (Typ.)
(VCC = 37 V, RL = 8 Ω, f = 1 kHz, THD = 10%)
• Low noise: Vno = 0.14 mVrms (Typ.)
(VCC = 37 V, RL = 8 Ω, GV = 34dB, Rg = 10 kΩ, BW = 20 Hz~20 kHz)
• Very few external parts.
• Built in audio muting circuit.
• Built in thermal shut down protector circuit.
• Built in output shifted to GND protection circuit. (AC short)
• Available for using same PCB layout with: TA8200AH, TA8211AH, TA8216H
• Operation supply voltage range (Ta = 25°C)
: VCC (opr) = 15~42 V




Similar Part No. - TA8258H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8258HQ TOSHIBA-TA8258HQ Datasheet
280Kb / 12P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
More results


Similar Description - TA8258H

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA7230P TOSHIBA-TA7230P Datasheet
454Kb / 4P
DUAL AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com