Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP8733 Datasheet PDF - Texas Instruments
Part # LP8733
Download  LP8733 Download
File Size   3804.7 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator

LP8733 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8733 Datasheet PDF - Texas Instruments

Part # LP8733
Download  LP8733 Click to download

File Size   3804.7 Kbytes
Page   86 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator

LP8733 Datasheet (HTML) - Texas Instruments


LP8733 Product details

1 Features
• Device operating temperature range: –40°C to
+125°C ambient temperature
• Input voltage: 2.8 V to 5.5 V
• Two high-efficiency step-down DC/DC converters:
– Output voltage: 0.7 V to 3.36 V
– Maximum output current 3 A per phase
– Adding and shedding auto phase and
force multi-phase operations in dual-phase
configuration
– Remote differential feedback voltage sensing in
dual-phase configuration
– Programmable output-voltage slew rate from
0.5 mV/μs to 10 mV/μs
– 2-MHz switching frequency
– Spread-spectrum mode and phase interleaving
for EMI reduction
• Two linear regulators:
– Input voltage: 2.5 V to 5.5 V
– Output voltage: 0.8 V to 3.3 V
– Maximum output current 300 mA
• Configurable general-purpose output signals
(GPO, GPO2)
• Interrupt function with programmable masking
• Programmable power-good signal (PGOOD)
• Output short-circuit and overload protection
• Overtemperature warning and protection
• Overvoltage protection (OVP) and undervoltage
lockout (UVLO)
• 28-pin, 5-mm × 5-mm VQFN package with
wettable flanks

2 Applications
• Industrial applications
• Industrial appliances
• Test and measurement

3 Description
The LP8733xx is designed to meet the power
management requirements in industrial applications.
The device has two step-down DC/DC converters
(which can be configured as a single dual-phase
regulator or two single-phase regulators), two linear
regulators, and two general-purpose digital-output
signals. The device is controlled by an I2C-compatible
serial interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
together with the automatic phase adding/shedding
gives high efficiency over a wide output-current
range. The LP8733xx supports remote voltage
sensing (differential in dual-phase configuration) to
compensate IR drop between the regulator output and
the point-of-load (POL), thus improving the accuracy
of the output voltage. In addition, the switching clock
can be forced to PWM mode and also synchronized to
an external clock to minimize the disturbances.
The LP8733xx device supports programmable startup
and shutdown delays and sequences including
GPO signals synchronized to the enable signal.
During start-up and voltage change, the device
controls the output slew rate to minimize output
voltage overshoot and the in-rush current.




Similar Part No. - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
6Mb / 85P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
More results


Similar Description - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI-LP8733-Q1_V01 Datasheet
6Mb / 85P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V01 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V02 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733-Q1 TI-LP8733-Q1_V02 Datasheet
2Mb / 86P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V03 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com