Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25983 Datasheet (PDF) - Texas Instruments

TPS25983 Datasheet PDF - Texas Instruments
Part # TPS25983
Download  TPS25983 Download
File Size   5097.66 Kbytes
Page   57 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management

TPS25983 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25983 Datasheet PDF - Texas Instruments

Part # TPS25983
Download  TPS25983 Click to download

File Size   5097.66 Kbytes
Page   57 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management

TPS25983 Datasheet (HTML) - Texas Instruments


TPS25983 Product details

1 Features
• Wide input voltage range: 2.7 V to 26 V
– 30-V absolute maximum
• Low on-resistance: RON = 2.7-mΩ typical
• Adjustable current limit threshold
– Range: 2 A to 18 A
– Accuracy: ±8% (typical for ILIM > 5 A)
• Circuit breaker and current limiter options
• Adjustable overcurrent blanking timer
– Handles load transients without tripping
• Accurate current monitor output
– ±1.5% (typical at 25°C for IOUT > 3 A)
– ±3% (maximum for IOUT > 3 A)
• User configurable fault response
– Latch-off or auto-retry
– Number of retries (finite or indefinite)
– Delay between retries
• Robust short-circuit protection
– Fast-trip response time < 400-ns typical
– Immune to line transients – no nuisance
tripping
• Adjustable output slew rate (dVdt) control
• Option to drive external FET for reverse current
blocking in disabled/OFF state
• Adjustable undervoltage lockout
• Adjustable overvoltage lockout
• Integrated overtemperature protection
• Power good indication
• Small footprint: 4-mm × 4-mm QFN package

2 Applications
• Hot-swap, hot-plug
• Power multiplexing
• Server standby rail, PCIe riser, add-on card, and
fan module protection
• Router and switch optical module protection
• Industrial PC
• Cordless power tool charger

3 Description
The TPS25983 family of eFuses is a highly-integrated
circuit protection and power management device in
a small package. The devices are operational over
a wide input voltage range. A single part caters
to low-voltage systems needing minimal I*R voltage
drop as well as higher voltage, high current systems
needing low power dissipation. The TPS25983 family
is a robust defense against overloads, short-circuits,
voltage surges, reverse current, and excessive inrush
current.
Overvoltage events are limited by internal cutoff
circuits with user adjustable overvoltage threshold.
Multiple device options exist to choose between the
response to overcurrent conditions, circuit breaker, or
active current limiter. The overcurrent limit threshold
can be set with a single external resistor. The devices
intelligently manage the overcurrent response by
distinguishing between transient events and actual
faults, thereby allowing the system to function
uninterrupted during line and load transients without
compromising on the robustness of the protection
against faults. The device can be configured to
stay latched-off or retry automatically after a fault
shutdown. The number of auto-retries as well as
the retry delay are configurable with capacitors. This
feature enables remote systems to automatically
recover from temporary faults while making sure that
the power supplies are not stressed indefinitely due to
a persistent fault.
The devices provide an option to drive an external
N-FET connected in series to facilitate reverse current
blocking in disabled or OFF state.
Also, the devices integrate an accurate analog
load current monitor to provide enhanced system
monitoring and diagnostic capabilities.
The TPS25983 devices are available in a small, 4 mm
× 4 mm QFN package. The devices are characterized
for operation over a junction temperature range of
–40°C to 125°C.




Similar Part No. - TPS25983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25983 TI1-TPS25983 Datasheet
5Mb / 52P
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
TPS259830LNRGE TI1-TPS259830LNRGE Datasheet
5Mb / 52P
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
TPS259830ONRGE TI1-TPS259830ONRGE Datasheet
5Mb / 52P
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
TPS25983X TI1-TPS25983X Datasheet
5Mb / 52P
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
More results


Similar Description - TPS25983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
7/06-Revision 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Texas Instruments
TPS25982 TI1-TPS25982 Datasheet
3Mb / 43P
2.7 V to 24 V, 15-A, 3-m廓 Smart eFuse With Accurate Load Monitoring and Adjustable Transient Fault Management
TPS25982 TI1-TPS25982_19 Datasheet
3Mb / 43P
2.7 V to 24 V, 15-A, 3-m廓 Smart eFuse With Accurate Load Monitoring and Adjustable Transient Fault Management
TPS25982 TI1-TPS25982_V01 Datasheet
5Mb / 56P
TPS25982 2.7 V to 24 V, 15-A, 2.7-m廓 Smart eFuse With 1.5% Accurate Load Current Monitoring and Adjustable Transient Fault Management
TPS25980 TI-TPS25980 Datasheet
6Mb / 55P
TPS25980: 2.7- 24 V, 8 A, 3 m廓 Smart eFuse - Integrated Hot-swap Protection With Adjustable Transient Fault Management
TPS22811 TI-TPS22811_V01 Datasheet
3Mb / 43P
TPS22811x 2.7 V – 16 V, 10-A, 6-mΩ Load Switch with Adjustable Overvoltage Protection and Current Monitoring
REVISED JULY 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS25983X TI1-TPS25983X Datasheet
5Mb / 52P
TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com