Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS274C65CP Datasheet (PDF) - Texas Instruments

TPS274C65CP Datasheet PDF - Texas Instruments
Part # TPS274C65CP
Download  TPS274C65CP Download
File Size   1770.52 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics

TPS274C65CP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS274C65CP Datasheet PDF - Texas Instruments

Part # TPS274C65CP
Download  TPS274C65CP Click to download

File Size   1770.52 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics

TPS274C65CP Datasheet (HTML) - Texas Instruments


TPS274C65CP Product details

1 Features
• Quad-channel 72-mΩ RON smart high-side switch
– Low RON ensures low power dissipation for
500-mA to 1.9-A DC loads
• Improve system level reliability through adjustable
current limiting
– Current limit set-point from 300 mA to 1.9 A
• Drive inductive, capacitive, and resistive loads
– Adjustable current limit for capacitor charging
– Integrated output clamp to demagnetize
inductive loads
• Robust output protection
– Integrated thermal shutdown
– Protection against short-to-ground events
– Configurable fault handling
• Diagnostic features enable improved module
intelligence
– Wire-break detection
– Short-to-supply detection
• Small 6-mm × 6-mm leadless package

2 Applications
• Industrial PLC systems
– Digital output modules
– IOLink master ports
– Sensor supplies

3 Description
The TPS274C65CP device is a quad-channel smart
high-side switch designed to meet the requirements
of industrial control systems. The low 72-mΩ RDSON
minimizes device power dissipation even when
providing large output load current. The device
integrates protection and diagnostic features to
ensure system protection even during harmful events
like short circuits or load failures. The device protects
against faults through a reliable current limit which is
adjustable from 300 mA to 1.9 A to provide protection
regardless of output load current.
The TPS274C65CP has an internal regulator to
create voltage for internal rails. Additionally, a VDD
pin is provided to allow the use of external VDD
supply which must be derived from the VS to
reduce the power dissipation. The comprehensive
fault reporting include a dedicated VS_FLT pin to
indicate the VS undervoltage, and separate fault pin
STx to indicate the faults happening in each channel.
The TPS274C65CP is available in a small 6-mm ×
6-mm VQFN package with 0.5-mm pin pitch, which
minimizes design PCB footprint.




Similar Part No. - TPS274C65CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS274C65CP TI1-TPS274C65CP Datasheet
1Mb / 39P
TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
FEBRUARY 2024
TPS274C65CP TI1-TPS274C65CP Datasheet
1Mb / 39P
TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
FEBRUARY 2024
TPS274C65CPH TI1-TPS274C65CPH Datasheet
1Mb / 39P
TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
FEBRUARY 2024
TPS274C65CPH TI1-TPS274C65CPH Datasheet
1Mb / 39P
TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
FEBRUARY 2024
TPS274C65CPHRHAR TI1-TPS274C65CPHRHAR Datasheet
1Mb / 39P
TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
FEBRUARY 2024
More results


Similar Description - TPS274C65CP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
1Mb / 46P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com