Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51386 Datasheet (PDF) - Texas Instruments

TPS51386 Datasheet PDF - Texas Instruments
Part # TPS51386
Download  TPS51386 Download
File Size   1633.88 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS51386 4.5-V to 24-V Input, 8-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes

TPS51386 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51386 Datasheet PDF - Texas Instruments

Part # TPS51386
Download  TPS51386 Click to download

File Size   1633.88 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS51386 4.5-V to 24-V Input, 8-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes

TPS51386 Datasheet (HTML) - Texas Instruments


TPS51386 Product details

1 Features
• 4.5-V to 24-V input voltage range
• 0.6-V to 5.5-V output voltage range
• Integrated 22-mΩ and 11-mΩ MOSFETs
• Support 8-A continuous IOUT
• 84-μA low quiescent current
• ±1% reference voltage (0.6 V) at 25°C
• ±1.5% reference voltage (0.6 V) at –40°C to 125°C
• 600-kHz switching frequency
• D-CAP3™ control mode for fast transient response
• Supports POSCAP and all MLCC output capacitor
• Adjustable soft start and internal 1-ms soft start
• Selectable PSM and Out-of-Audio™ (OOA) mode
under light load and supports on-the-fly change
• Large duty operation support
• Power-good indicator to monitor output voltage
• Latched output OV and UV protection
• Non-latched UVLO and OT protection
• Cycle-by-cycle overcurrent protection
• Built-in output discharge feature
• Small 2.00-mm × 3.00-mm HotRod™ QFN
package

2 Applications
• Notebook and PC computers
• Ultrabook, tablet computers
• TV and STB, point-of-load (POL)
• Distributed power systems

3 Description
The TPS51386 is a monolithic, 8-A, synchronous
buck converter with adaptive on-time D-CAP3 control
mode. Integrated low RDS(on) power MOSFETs enable
high efficiency and offer ease-of-use with minimum
external component count for space-constrained
power systems. Features include an accurate
reference voltage, fast load transient response, autoskip
mode operation for light load efficiency, OOA light
load operation with > 25-kHz switching frequency, DCAP3
control mode with good line, load regulation,
and does not require external compensation.
The TPS51386 provides complete protection OVP,
UVP, OCP, OTP, and UVLO. The device is a
combined power-good signal and output discharge
function.
The TPS51386 supports both internal and external
soft-start time option. The device has the internal
fixed soft-start time 1 ms. If the application needs
longer soft-start time, the external SS pin can be used
to achieve longer soft-start time by connecting the
external capacitor.
The TPS51386 are available in a thermally enhanced
12-pin QFN package and are designed to operate
from –40°C to 125°C junction temperature.




Similar Part No. - TPS51386

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51383 TI-TPS51383 Datasheet
1Mb / 24P
TPS51383 and TPS51384 4.5-V to 24-V Input, 8-A Synchronous Buck Converters With 100-mA LDO PSM/OOA Modes
SEPTEMBER 2022
TPS51383RJNR TI-TPS51383RJNR Datasheet
1Mb / 24P
TPS51383 and TPS51384 4.5-V to 24-V Input, 8-A Synchronous Buck Converters With 100-mA LDO PSM/OOA Modes
SEPTEMBER 2022
TPS51384 TI-TPS51384 Datasheet
1Mb / 24P
TPS51383 and TPS51384 4.5-V to 24-V Input, 8-A Synchronous Buck Converters With 100-mA LDO PSM/OOA Modes
SEPTEMBER 2022
TPS51385 TI1-TPS51385 Datasheet
1Mb / 27P
TPS51385 4.5-V to 24-V Input, 7-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
TPS51385RJNR TI1-TPS51385RJNR Datasheet
1Mb / 27P
TPS51385 4.5-V to 24-V Input, 7-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
More results


Similar Description - TPS51386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675A STMICROELECTRONICS-PM6675A Datasheet
265Kb / 15P
Latched OVP and UVP
11-Oct-2006
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS51383 TI-TPS51383 Datasheet
1Mb / 24P
TPS51383 and TPS51384 4.5-V to 24-V Input, 8-A Synchronous Buck Converters With 100-mA LDO PSM/OOA Modes
SEPTEMBER 2022
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS51385 TI1-TPS51385 Datasheet
1Mb / 27P
TPS51385 4.5-V to 24-V Input, 7-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPS568236 TI-TPS568236 Datasheet
2Mb / 28P
TPS568236 4.5-V to 18-V Input, 8-A Synchronous Buck Converter With Hiccup OVP/UVP/OC, Adjustable Vout, and Soft-Start PSM/FCCM Modes
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com