Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73734DCQ Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS73734DCQ Datasheet PDF - Texas Instruments
Part # TPS73734DCQ
Download  TPS73734DCQ Download
File Size   2501.88 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS737 1-A Low-Dropout Regulator With Reverse Current Protection

TPS73734DCQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73734DCQ Datasheet PDF - Texas Instruments

Part # TPS73734DCQ
Download  TPS73734DCQ Click to download

File Size   2501.88 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS737 1-A Low-Dropout Regulator With Reverse Current Protection

TPS73734DCQ Datasheet (HTML) - Texas Instruments


TPS73734DCQ Product details

1 Features
• Stable with 1-μF or larger ceramic output capacitor
• Input voltage range: 2.2 V to 5.5 V
• Ultra-low dropout voltage: 130 mV typical at 1 A
• Excellent load transient response—even with only
1-μF output capacitor
• NMOS topology delivers low reverse leakage
current
• Initial accuracy: 1%
• Overall accuracy over line, load, and temperature:
3%
• Less than 20 nA typical IQ in shutdown mode
• Thermal shutdown and current limit for fault
protection
• Available in multiple output voltage versions:
– Adjustable output: 1.20 V to 5.5 V
– Custom outputs available using factory
package-level programming
• M3-suffix devices are Advance Information only

2 Applications
• Point-of-load regulation for DSPs, FPGAs, ASICs,
and microprocessors
• Post-regulation for switching supplies
• Portable and battery-powered equipment

3 Description
The TPS737 linear low-dropout (LDO) voltage
regulator uses an NMOS pass transistor in a voltagefollower
configuration. This topology is relatively
insensitive to the output capacitor value and ESR,
allowing for a wide variety of load configurations. Load
transient response is excellent, even with a small 1-μF
ceramic output capacitor. The NMOS topology also
allows for very low dropout.
The TPS737 uses an advanced BiCMOS process to
yield high precision while delivering very low dropout
voltages and low ground pin current. Part numbers
with the M3 suffix use an updated design on the
latest TI process technology. Current consumption,
when not enabled, is less than 20 nA and is designed
for portable applications. This device is protected by
thermal shutdown and foldback current limit.
For applications that require higher output voltage
accuracy, consider TI's TPS7A37 1% overall
accuracy, 1-A low-dropout voltage regulator.




Similar Part No. - TPS73734DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73734DCQ TI-TPS73734DCQ Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73734DCQ TI1-TPS73734DCQ Datasheet
677Kb / 21P
1A, Low-Dropout Voltage Regulator for C2000?
TPS73734DCQ TI1-TPS73734DCQ Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73734DCQ TI1-TPS73734DCQ Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73734DCQ TI1-TPS73734DCQ Datasheet
3Mb / 49P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results


Similar Description - TPS73734DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com