Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88982L Datasheet (PDF) - Micrel Semiconductor

SY88982L Datasheet PDF - Micrel Semiconductor
Part # SY88982L
Download  SY88982L Download
File Size   2087.55 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers

SY88982L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88982L Datasheet PDF - Micrel Semiconductor

Part # SY88982L
Download  SY88982L Click to download

File Size   2087.55 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers

SY88982L Datasheet (HTML) - Micrel Semiconductor


SY88982L Product details

General Description
The SY88982L is a single 3.3V supply, low power consumption, small form factor driver for telecom/datacom applications using FP/DFB lasers at data rates up to 2.7Gbps. The driver can deliver modulation current up to 90mA, and the high compliance voltage if offers, makes the part suitable for high-current operation (with the laser AC- or DCcoupled to it). This device is intended to be used with Micrel’s MIC3003 Optical Transceiver Management IC, which allows for both modulation and bias current control and monitoring, automatic power control, and temperature compensation.

Features
• 2.4V minimum laser compliance voltage for high current DC-coupled applications
• 48mA power supply current typical
• Operation up to 2.7Gbps
• Modulation current up to 90mA
• Designed for use with the MIC3003
• Laser may be DC- or AC-coupled
• Small form factor 16-pin (3mm x 3mm) QFN package

Applications
• Multi-rate LAN, MAN applications up to 2.7Gbps: FC, GbE, SONET OC3/12/24/48 and SDH STM1/4/8/16
• SFF, SFP modules




Similar Part No. - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
749Kb / 10P
3.3V, 2.7Gbps High-Current, Low-Power
SY88982LMGTR MICREL-SY88982LMGTR Datasheet
749Kb / 10P
3.3V, 2.7Gbps High-Current, Low-Power
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
3.3V, 2.7Gbps High-Current, Low-Power
More results


Similar Description - SY88982L

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
A1112 High-Power 1550 nm DFB Source Lasers
January 2001
logo
Maxim Integrated Produc...
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
logo
Micrel Semiconductor
SY88782L MICREL-SY88782L Datasheet
574Kb / 8P
3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
logo
Maxim Integrated Produc...
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
DFB Laser Fabry-Perot Lasers
logo
Micrel Semiconductor
SY84782U MICREL-SY84782U Datasheet
300Kb / 9P
Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
3.3V, 2.7Gbps High-Current, Low-Power
SY84782U MICREL-SY84782U_15 Datasheet
444Kb / 10P
Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com