Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7039 Datasheet (PDF) - ATMEL Corporation

ATR7039 Datasheet PDF - ATMEL Corporation
Part # ATR7039
Download  ATR7039 Download
File Size   219.71 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC

ATR7039 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR7039 Datasheet PDF - ATMEL Corporation

Part # ATR7039
Download  ATR7039 Click to download

File Size   219.71 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC

ATR7039 Datasheet (HTML) - ATMEL Corporation


ATR7039 Product details

Description
The 5.8-GHz frequency doubler IC is designed with Atmel’s Silicon-Germanium (SiGe) process and provides a high conversion gain.
The device consists of a doubler stage, a filter and a driver amplifier with an output power of 11 dBm. The output stage was realized using an open-collector structure. Power-up/down and output levels are controlled via the bias control pin 6 and pin 7 (VCTL).

Features
• Input Frequency Range 2.7 GHz to 3.0 GHz
• POUT Typically 12 dBm at 5.8 GHz
• PIN Typically 0 dBm
• VCC 3.0V to 3.9V
• CW Mode Operation
• Package: QFN16

Benefits
• Ramping Control Extends Battery Lifetime
• AC Input Coupling Saves External Capacitors
• Extremely Low BOM for Application




Similar Part No. - ATR7039

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7032 ATMEL-ATR7032 Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-DEV-BOARD ATMEL-ATR7032-DEV-BOARD Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVPW ATMEL-ATR7032-PVPW Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVQW ATMEL-ATR7032-PVQW Datasheet
411Kb / 15P
High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
ATR7035 ATR7035
More results


Similar Description - ATR7039

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
5.8-GHz DOWN CONVERTER IC
ATR2808 ATMEL-ATR2808 Datasheet
188Kb / 3P
2.9/5.8 GHz WDCET/ISM SINGLE-CHIP TRANSCEIVER
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
5.8-GHz Down Converter IC
ATR2808 ATMEL-ATR2808_06 Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
logo
Micronetics, Inc.
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
High Power Limiters 2.7 GHz to 2.9 GHz
logo
Teledyne Technologies I...
FDMP20401 TELEDYNE-FDMP20401 Datasheet
135Kb / 2P
2.0 TO 10.0 GHz: INPUT 4.0 TO 20.0 GHz: OUTPUT FREQUENCY DOUBLER
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD226C3 MMIC-CMD226C3 Datasheet
603Kb / 8P
Frequency Doubler, 7-11 GHz Input
CMD214 MMIC-CMD214 Datasheet
204Kb / 9P
24-36 GHz Active Frequency Doubler
logo
Qorvo, Inc
CMD226C3 QORVO-CMD226C3 Datasheet
445Kb / 8P
Frequency Doubler, 7-11 GHz Input
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com