Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76318DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPS76318DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPS76318DBVR-TP
Download  TPS76318DBVR-TP Download
File Size   2566.62 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 12V,150mA, 2uA, Higt PSRR Voltage Reaulator

TPS76318DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS76318DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPS76318DBVR-TP
Download  TPS76318DBVR-TP Click to download

File Size   2566.62 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 12V,150mA, 2uA, Higt PSRR Voltage Reaulator

TPS76318DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPS76318DBVR-TP Product details

Features
2.0pA Ground Current at no Load
+2% Output Accuracy
150mA Output Current
1I2fi{i/e Operating Input Voltage Range: 2V to
Dropout Voltage: 0.35V at 100mA (Vour=5V)
Support Fixed Output Voltage
1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 5V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over-Temperature Protection
SOT-23-5 Package




Similar Part No. - TPS76318DBVR-TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results


Similar Description - TPS76318DBVR-TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2985-33DBVR TECHPUBLIC-TPLP2985-33DBVR Datasheet
2Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-50DBVR TECHPUBLIC-TPLP2985-50DBVR Datasheet
2Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-5.0YM5 TECHPUBLIC-TPMIC5205-5.0YM5 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPSPX5205M5-L-3-3 TECHPUBLIC-TPSPX5205M5-L-3-3 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-25DBVR TECHPUBLIC-TPLP2985-25DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-2.5YM5 TECHPUBLIC-TPMIC5205-2.5YM5 Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-3.6YM5 TECHPUBLIC-TPMIC5205-3.6YM5 Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76325DBVR-TP TECHPUBLIC-TPS76325DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76330DBVR-TP TECHPUBLIC-TPS76330DBVR-TP Datasheet
2Mb / 7P
12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com