Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH277A Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH277A Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH277A
Download  AH277A Download
File Size   172.01 Kbytes
Page   10 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description COMPLEMENTARY OUTPUT HALL EFFECT LATCH

AH277A Datasheet (PDF)

Go To PDF Page Download Datasheet
AH277A Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH277A
Download  AH277A Click to download

File Size   172.01 Kbytes
Page   10 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description COMPLEMENTARY OUTPUT HALL EFFECT LATCH

AH277A Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH277A Product details

General Description

The AH277A is an integrated Hall sensor with output driver designed for electronic commutation of brush less DC motor applications. The device includes an on chip Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switching hysteresis for noise rejection, a temperature compensation circuit to compensate the temperature drift of Hall sensitivity and two complementary open-collector drivers for sinking large load current. It also includes an internal band-gap regulator which is used to provide bias voltage for internal circuits.



Features

· On-Chip Hall Sensor

· 3.5V to 16V Supply Voltage

· 400mA (avg) Output Sink Current

· Reversed Supply Voltage Protection

· -20oC to 85oC Operating Temperature

· Low Profile TO-94 (SIP-4L) Package

· ESD Rating: 300V (Machine Model)



Applications· Dual-Coil Brushless DC Motor

· Dual-Coil Brushless DC Fan

· Revolution Counting

· Speed Measurement



 




Similar Part No. - AH277A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
SIFIRST TECHNOLOGIES NA...
AH277A SIFIRST-AH277A Datasheet
90Kb / 2P
On-Chip Hall Sensor
AH277AZ4 SIFIRST-AH277AZ4 Datasheet
90Kb / 2P
On-Chip Hall Sensor
logo
Diodes Incorporated
AH277AZ4-AE1 DIODES-AH277AZ4-AE1 Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH277AZ4-AG1 DIODES-AH277AZ4-AG1 Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
More results


Similar Description - AH277A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Anachip Corp
ATS276 ANACHIP-ATS276 Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH276 DIODES-AH276 Datasheet
868Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com