Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR6728A Datasheet (PDF) - NXP Semiconductors

CR6728A Datasheet PDF - NXP Semiconductors
Part # CR6728A
Download  CR6728A Download
File Size   62.0 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR6728A Datasheet (PDF)

Go To PDF Page Download Datasheet
CR6728A Datasheet PDF - NXP Semiconductors

Part # CR6728A
Download  CR6728A Click to download

File Size   62.0 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR6728A Datasheet (HTML) - NXP Semiconductors


CR6728A Product details

DESCRIPTION
Hybrid amplifier module comprising three video amplifiers in a SOT347 package.

FEATURES
• Transition times (10 to 90%) with 45 V (p-p) swing and CL = 10 pF:
    – rise time (typ.) 2.5 ns
    – fall time (typ.) 2.1 ns
• Low power consumption: 11 W with 25 MHz square wave
• Minimum small signal bandwidth: 140 MHz at 1 V (p-p) or 120 MHz at 40 V (p-p)
• Very fast slew rate: 16000 V/µs
• Internal smearing compensation
• Excellent grey-scale linearity
• Unconditional stability
• Gold metallization ensures excellent reliability.

APPLICATIONS
• Cathode-ray tube (CRT) drivers in high-resolution colour monitors.




Similar Part No. - CR6728A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6729A PHILIPS-CR6729A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
More results


Similar Description - CR6728A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1997 Jul 09
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
Triple video driver hybrid amplifier
1997 Oct 21
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
Triple video driver hybrid amplifier
1995 Apr 05
CR6627 PHILIPS-CR6627 Datasheet
51Kb / 12P
Triple video driver hybrid amplifier
1995 Apr 04
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com