Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC3328P9 Datasheet (PDF) - UN Semiconducctor INC

ULC3328P9 Datasheet PDF - UN Semiconducctor INC
Part # ULC3328P9
Download  ULC3328P9 Download
File Size   6352.44 Kbytes
Page   8 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ULC3328P9 Datasheet (PDF)

Go To PDF Page Download Datasheet
ULC3328P9 Datasheet PDF - UN Semiconducctor INC

Part # ULC3328P9
Download  ULC3328P9 Click to download

File Size   6352.44 Kbytes
Page   8 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ULC3328P9 Datasheet (HTML) - UN Semiconducctor INC


ULC3328P9 Product details

Features
60 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects Eight High Speed I/O Lines
Low Clamping Voltage
Working Voltage : 3.3V
RoHS Compliant
IEC61000-4-2(ESD):±30kV (air discharge)
±25kV (contact discharge);
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 5A (8/20μs)

Applications
USB 3.0 / USB 3.1 Interfaces
HDMI 1.4 / HDMI 2.0 Interfaces
V-By-One Ports
eSATA Interfaces
LVDS Interfaces
Muti MIPI / MDDI Ports




Similar Part No. - ULC3328P9

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC332010T8 LEIDITECH-ULC332010T8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3321 LEIDITECH-ULC3321 Datasheet
1Mb / 7P
LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
UN Semiconducctor INC
ULC3324P10 UNSEMI-ULC3324P10 Datasheet
1Mb / 7P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ULC3324PS10 UNSEMI-ULC3324PS10 Datasheet
4Mb / 7P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results


Similar Description - ULC3328P9

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com