Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN30 Datasheet (PDF) - UN Semiconducctor INC

UN30 Datasheet PDF - UN Semiconducctor INC
Part # UN30
Download  UN30 Download
File Size   2669.67 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Radial Lead Resettable Polymer PTCs

UN30 Datasheet (PDF)

Go To PDF Page Download Datasheet
UN30 Datasheet PDF - UN Semiconducctor INC

Part # UN30
Download  UN30 Click to download

File Size   2669.67 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Radial Lead Resettable Polymer PTCs

UN30 Datasheet (HTML) - UN Semiconducctor INC


UN30 Product details

Features
Cured, flame retardant epoxy polymer meets UL 94V-0
requirements
30VDC operating voltage
Fast time-to-trip
RoHS compliant, Lead-Free and Halogen-Free

Applicable
Computers and peripherals
USB hubs ,ports and peripherals
Power ports
General electronics
Motor protection
Automotive application




Similar Part No. - UN30

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UN3002N3 XINDEYI-UN3002N3 Datasheet
407Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
UN Semiconducctor INC
UN300DN26T UNSEMI-UN300DN26T Datasheet
5Mb / 8P
Dual N-Channel Enhancement Mode MOSFET
Revision March 1,2022
UN300DN36TE UNSEMI-UN300DN36TE Datasheet
6Mb / 8P
Dual N-Channel Enhancement Mode MOSFET
Revision March 1,2022
UN300DP26T UNSEMI-UN300DP26T Datasheet
8Mb / 9P
Dual P-Channel Enhancement Mode MOSFET
Revision March 1,2022
UN300N23T UNSEMI-UN300N23T Datasheet
4Mb / 7P
N-Channel Enhancement Mode MOSFET
Revision March 1,2022
More results


Similar Description - UN30

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
Radial Lead Resettable Polymer PTCs
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
Radial Lead Resettable Polymer PTCs
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com