Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAS560S Datasheet (PDF) - Hitachi Semiconductor

SAS560S Datasheet PDF - Hitachi Semiconductor
Part # SAS560S
Download  SAS560S Download
File Size   847.46 Kbytes
Page   3 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description SENSER FOR ELECTRONIC TUNING

SAS560S Datasheet (PDF)

Go To PDF Page Download Datasheet
SAS560S Datasheet PDF - Hitachi Semiconductor

Part # SAS560S
Download  SAS560S Click to download

File Size   847.46 Kbytes
Page   3 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description SENSER FOR ELECTRONIC TUNING

SAS560S Datasheet (HTML) - Hitachi Semiconductor


SAS560S Product details

FEATURES
- No limitation concerning polarity of two supply voltages.
- Low power dissipation : 130mW typical.
- High input sensitivity : 100mA typical.
- Low temperature-drift for the tuning voltage : 0.3V/C typical




Similar Part No. - SAS560S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAS580 SIEMENS-SAS580 Datasheet
285Kb / 8P
SWITCHING AMPLIFIERS FOR 4 TOUCH KEYS
SAS590 SIEMENS-SAS590 Datasheet
285Kb / 8P
SWITCHING AMPLIFIERS FOR 4 TOUCH KEYS
More results


Similar Description - SAS560S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6161N ROHM-BA6161N Datasheet
81Kb / 5P
Switching regulator for electronic tuning
logo
Sanyo Semicon Device
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
logo
Hitachi Semiconductor
HVU300A HITACHI-HVU300A Datasheet
26Kb / 5P
Variable Capacitance Diode for Electronic Tuning
logo
Leshan Radio Company
HVC200A LRC-HVC200A Datasheet
50Kb / 2P
Variable Capacitance Diode for Electronic Tuning
logo
List of Unclassifed Man...
TCA750 ETC1-TCA750 Datasheet
234Kb / 9P
Multi-stabilizer for electronic tuning
logo
Toshiba Semiconductor
JDV3C34 TOSHIBA-JDV3C34 Datasheet
166Kb / 4P
Electronic Tuning Applications for FM Receivers
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
PLL Frequency Synthesizers for Electronic Tuning
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com