Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7427N Datasheet (PDF) - Eaton All Rights Reserved.

7427N Datasheet PDF - Eaton All Rights Reserved.
Part # 7427N
Download  7427N Download
File Size   56.44 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton safety grip locking connector, #16-12 AWG, 15A, Industrial, 125V, Side wiring, Black, Auto grip, ML1, Two-pole, Two-wire, Nylon

7427N Datasheet (PDF)

Go To PDF Page Download Datasheet
7427N Datasheet PDF - Eaton All Rights Reserved.

Part # 7427N
Download  7427N Click to download

File Size   56.44 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton safety grip locking connector, #16-12 AWG, 15A, Industrial, 125V, Side wiring, Black, Auto grip, ML1, Two-pole, Two-wire, Nylon

7427N Datasheet (HTML) - Eaton All Rights Reserved.


7427N Product details

Special features
Midget locking




Similar Part No. - 7427N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7427 ETC1-7427 Datasheet
41Kb / 1P
TRIPLE 3-INPUT NOR GATE
logo
Analog Devices
7427-92642 AD-7427-92642 Datasheet
1Mb / 28P
Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
Rev. B
logo
Wurth Elektronik GmbH &...
74270001 WURTH-74270001 Datasheet
376Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
74270010 WURTH-74270010 Datasheet
381Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
74270011 WURTH-74270011 Datasheet
386Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
More results


Similar Description - 7427N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-130014-1 MACOM-2-130014-1 Datasheet
42Kb / 1P
PLASTI-GRIP TERMINAL WIRE SIZE : 22-16 AWG
logo
Molex Electronics Ltd.
130146-0050 MOLEX11-130146-0050 Datasheet
43Kb / 1P
Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip Body Size F2
130146-0092 MOLEX11-130146-0092 Datasheet
42Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip Body Size F2
130146-0099 MOLEX11-130146-0099 Datasheet
38Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V, Cord Grip Body Size F2
130147-0072 MOLEX11-130147-0072 Datasheet
50Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V, Cord Grip
1301440029 MOLEX11-1301440029 Datasheet
34Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,
1301440030 MOLEX11-1301440030 Datasheet
30Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
1301460050 MOLEX11-1301460050 Datasheet
36Kb / 1P
Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip
1301460092 MOLEX11-1301460092 Datasheet
34Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V
logo
Eaton All Rights Reserv...
7486N EATON-7486N Datasheet
46Kb / 3P
Eaton safety grip locking flanged inlet, #16-12 AWG, 15A, Industrial, 125/250V, Back wiring, Black, Midget, ML3, Three-pole, Three-wire, Nylon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com